Electronic Components Datasheet Search
  English  ▼

X  

U401 Datasheet(PDF) 2 Page - Calogic, LLC

Part # U401
Description  Dual N-Channel JFET Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

U401 Datasheet(HTML) 2 Page - Calogic, LLC

  U401 Datasheet HTML 1Page - Calogic, LLC U401 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
U401
U402
U403
U404
U405
U406
UNITS
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
BVGSS
Gate-Source
Breakdown Voltage
-50
-50
-50
-50
-50
-50
V
VDS = 0, IG = -1
µA
IGSS
Gate Reverse Current
(Note 2)
-25
-25
-25
-25
-25
-25
pA
VDS = 0, VGS = -30V
VGS(off)
Gate-Source Cutoff
Voltage
-.5
-2.5
-.5
-2.5
-.5
-2.5
-.5
-2.5
-.5
-2.5
-.5
-2.5
V
VDS = 15V, ID = 1nA
VGS(on)
Gate-Source Voltage
(on)
-2.3
-2.3
-2.3
-2.3
-2.3
-2.3
VDG = 15V, ID = 200
µA
IDSS
Saturation Drain
Current (Note 3)
0.5
10.0
0.5
10.0
0.5
10.0
0.5
10.0
0.5
10.0
0.5
10.0
mA
VDS = 10V, VGS = 0
IG
Operating Gate
Current (Note 2)
-15
-15
-15
-15
-15
-15
pA
VDG = 15V, ID = 200
µA
-10
-10
-10
-10
-10
-10
nA
TA = 125
oC
BVG1-G2
Gate-Gate
Breakdown Voltage
±50
±50
±50
±50
±50
±50
V
VDS = 0, VGS = 0,
IG =
±1µA
gfs
Common-Source
Forward
Transconductance
(Note 3)
2000
7000
2000
7000
2000
7000
2000
7000
2000
7000
2000
7000
µS
VDS = 10V,
VGS = 0
f = 1kHz
gos
Common-Source
Output Conductance
20
20
20
20
20
20
gfs
Common-Source
Forward
Transconductance
1000
2000
1000
2000
1000
2000
1000
2000
1000
2000
1000
2000
VDG = 15V,
ID = 200
µA
f = 1kHz
gos
Common-Source
Output Conductance
2.0
2.0
2.0
2.0
2.0
2.0
Ciss
Common-Source
Input Capacitance
(Note 6)
8.0
8.0
8.0
8.0
8.0
8.0
pF
f = 1MHz
Crss
Common-Source
Reverse Transfer
Capacitance (Note 6)
3.0
3.0
3.0
3.0
3.0
3.0
en
Equivalent
Short-Circuit Input
Noise Voltage
20
20
20
20
20
20
nV
√
Hz
VDS = 15V,
VGS = 0
f = 10Hz
(Note 6)
CMRR
Common-Mode
Rejection Ratio
95
95
95
95
90
dB
VDG = 10 to 20V,
ID = 200
µA (Note 5, 6)
|
VGS1
−VGS2 |
Differential
Gate-Source Voltage
5
1010152040
mV
VDG = 10V, ID = 200
µA
|
∆V
GS1
−V
GS2 |
∆T
Gate-Source Voltage
Differential Drift (Note
4)
10
10
25
25
40
80
µV/oC
VDG = 10V,
ID = 200
µA
TA = -55
oC
TB = +25
oC
TC = +125
oC
NOTES: 1. Per transistor.
2. Approximately doubles for every 10
oC increase in TA.
3. Pulse test duration = 300
µs; duty cycle ≤3%.
4. Measured at end points TA, TB, TC.
5. CMRR = 20 log10
∆VDD
∆ | VGS
1 −VGS2 |
,
∆VDD = 10V.
6. For design reference only, not 100% tested.
U401 – U406
CORPORATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com