Electronic Components Datasheet Search
  English  ▼

X  

AMR2815DEM Datasheet(PDF) 5 Page - International Rectifier

Part # AMR2815DEM
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMR2815DEM Datasheet(HTML) 5 Page - International Rectifier

  AMR2815DEM Datasheet HTML 1Page - International Rectifier AMR2815DEM Datasheet HTML 2Page - International Rectifier AMR2815DEM Datasheet HTML 3Page - International Rectifier AMR2815DEM Datasheet HTML 4Page - International Rectifier AMR2815DEM Datasheet HTML 5Page - International Rectifier AMR2815DEM Datasheet HTML 6Page - International Rectifier AMR2815DEM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
AMR28XXD Series
(28V Input, Dual Output)
Block Diagram
Application Information
Inhibit Function (Enable)
EMI Filter
Device Synchronization
An optional EMI filter is available (AFH461) that will
reduce the input ripple current to levels below the
limits imposed by MIL-STD-461 CE03.
When multiple DC-DC converters are utilized in a
single system, significant low frequency noise may
be generated due to a small difference in the
switching frequency of the converters (beat
frequency noise). Because of the low frequency
nature of this noise (typically less than 10 KHz), it is
difficult to filter out and may interfere with proper
operation of sensitive systems (communication,
radar or telemetry). International Rectifier provides
synchronization of multiple AMR type converters to
match switching frequency of the converter to the
frequency of the system clock, thus eliminating this
type of noise.
Connecting the inhibit input to input common will
cause the converter to shut down. It is recommended
that the inhibit pin be driven by an open collector
device capable of sinking at least 400
µA of current.
The open circuit voltage of the inhibit input is 10 ±1.0 VDC.
1.
Parameter guaranteed by line and load regulation tests.
2.
Up to 90 percent of full power is available from either output provided the total output does not exceed 30 watts.
3.
Bandwidth guaranteed by design, Tested for 20 Hz to 2 MHz.
4.
Load current split equally between +VOUT and –VOUT.
5.
3 watt load on output under test. 3 watt to 27 watt load change on other output.
6.
Capacitive load may be any value from 0 to the maximum limit without compromising DC performance. A
capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the operation
of the load fault detection circuitry, appearing as a short circuit during turn-on.
7.
Parameter shall be tested as part of design characterization and after design or process changes, Parameters
shall be guaranteed to the limit specified in Electrical Specifications.
8.
Load step transition time between 2 and 10 microseconds.
9.
Recovery time is measured from initiation of the transient to where Vout has returned to within
±1% of Vout at
50% load.
10.
Input step transient time between 2 and 10 microseconds.
11.
Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground
signal from the inhibit pin while power is applied to the input.
Notes to Specifications
8
7
+Output
Output
Return
Pulse Width
Modulator
Primary
Housekeeping
Supply
EMI
Filter
Under-Voltage
Detector
1
3
10
2
+Input
Enable
Sync
Input
Input
Return
Error
Amp &
Ref
FB
CS
Drive
6
-Output
5
Case



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com