Electronic Components Datasheet Search
  English  ▼

X  

ARM2812TCK Datasheet(PDF) 2 Page - International Rectifier

Part # ARM2812TCK
Description  HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARM2812TCK Datasheet(HTML) 2 Page - International Rectifier

  ARM2812TCK Datasheet HTML 1Page - International Rectifier ARM2812TCK Datasheet HTML 2Page - International Rectifier ARM2812TCK Datasheet HTML 3Page - International Rectifier ARM2812TCK Datasheet HTML 4Page - International Rectifier ARM2812TCK Datasheet HTML 5Page - International Rectifier ARM2812TCK Datasheet HTML 6Page - International Rectifier ARM2812TCK Datasheet HTML 7Page - International Rectifier ARM2812TCK Datasheet HTML 8Page - International Rectifier ARM2812TCK Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
www.irf.com
ARM28XXT Series
For Notes to Specifications, refer to page 3
Specifications
Electrical Performance -55°C < T
CASE < +125°C,
V
IN=28V, CL=0 unless otherwise specified.
+19V to +60VDC
+19V to +50V for full derating to MIL-STD-975
Minimum Output Current
5% Maximum rated
current, any Output
Output Power
3.0W to 30W
Soldering temperature
300°C for 10 seconds
-55°C to +125°C
Storage case temperature
-65°C to +135°C
-55°C to +85°C for full derating to MIL-STD-975
Operating case
temperature
Recommended Operating Conditions
Absolute Maximum Ratings
Input Voltage range
-0.5V to +80VDC
Input Voltage range
Parameter
Symbol
Conditions
Min
Max
Units
Output voltage accuracy
VOUT
IOUT = 1.5Adc, TC = +25
°C
(main)
IOUT = ±250mAdc, TC = +25
°C ARM2812(dual)
IOUT = ±250mAdc, TC = +25
°C ARM2815(dual)
4.95
±11.50
±14.50
5.05
±12.50
±15.15
Vdc
Output power Note 5
POUT
19 Vdc< VIN < 50Vdc
3.0
30
W
Output current Note 5
IOUT
(main)
19 Vdc< VIN < 50Vdc
(dual)
150
75
3000
750
mAdc
Line regulation Note 3
VRLINE
150 mAdc < IOUT < 3000 mAdc
(main)
19 Vdc< VIN < 50Vdc
±75 mAdc < IOUT < ±750 mAdc
(dual)
-15
-60
+15
+60
mV
Load regulation Note 4
VRLOAD
150 mAdc < IOUT < 3000 mAdc
(main)
19 Vdc< VIN < 50Vdc
±75 mAdc < IOUT < ±750 mAdc
(dual)
-180
-300
+180
+300
mV
Cross regulation Note 8
VRCROSS
(main)
19 Vdc< VIN < 50Vdc
(dual)
-10
-500
+10
+500
mV
Total regulation
VR
All conditions of Line, Load,
(main)
Cross Regulation, Aging,
Temperature and Radiation ARM2812(dual)
ARM2815(dual)
4.8
±11.1
±13.9
5.2
±12.9
±16.0
V
Input current
IIN
IOUT = minimum rated, Pin 3 open
Pin 3 shorted to pin 2 (disabled)
250
8.0
mA
Output ripple voltage Note 6
VRIP
19 Vdc< VIN < 50Vdc
IOUT = 3000 mAdc (main), ±500 mAdc (dual)
100
mVp.p
Input ripple current Note 6
IRIP
19 Vdc< VIN < 50Vdc
IOUT = 3000 mAdc (main), ±500 mAdc (dual)
150
mAp.p
Switching frequency
FS
Sychronization input open. (pin 6)
225
275
KHz
Efficiency
Eff
IOUT = 3000 mAdc (main), ±500 mAdc (dual)
80
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com