Electronic Components Datasheet Search
  English  ▼

X  

ART2812T Datasheet(PDF) 6 Page - International Rectifier

Part # ART2812T
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ART2812T Datasheet(HTML) 6 Page - International Rectifier

Back Button ART2812T Datasheet HTML 2Page - International Rectifier ART2812T Datasheet HTML 3Page - International Rectifier ART2812T Datasheet HTML 4Page - International Rectifier ART2812T Datasheet HTML 5Page - International Rectifier ART2812T Datasheet HTML 6Page - International Rectifier ART2812T Datasheet HTML 7Page - International Rectifier ART2812T Datasheet HTML 8Page - International Rectifier ART2812T Datasheet HTML 9Page - International Rectifier ART2812T Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.irf.com
ART28XXT SERIES
Figure I. Block Diagram
Circuit Description and Application Information
The ART28XXT series of converters have been designed
using a single ended forward switched mode converter
topology. (refer to Figure I.) Single ended topologies enjoy
some advantage in radiation hardened designs in that they
eliminate the possibility of simultaneous turn on of both
switching elements during a radiation induced upset; in
addition, single ended topologies are not subject to
transformer saturation problems often associated with
double ended implementations.
The design incorporates a two-stage LC input filter to
attenuate input ripple current. A low overhead linear bias
regulator is used to provide bias voltage for the converter
primary control logic and a stable, well regulated reference
for the error amplifier. Output control is realized using a
wide band discrete pulse width modulator control circuit
incorporating a unique non-linear ramp generator circuit.
This circuit helps stabilize loop gain over variations in line
voltage for superior output transient response. Nominal
conversion frequency has been selected as 250 KHz to
maximize efficiency and minimize magnetic element size.
Output voltages are sensed using a coupled inductor and
a patented magnetic feedback circuit. This circuit is
relatively insensitive to variations in temperature, aging,
radiation and manufacturing tolerances making it
particularly well suited to radiation hardened designs. The
control logic has been designed to use only radiation
tolerant components, and all current paths are limited with
series resistance to limit photo currents.
Other key circuit design features include short circuit
protection, undervoltage lockout and an external
synchronization port permitting operation at an externally
set clock rate.
Operating Guidelines
Thermal Considerations
The ART series of converters is capable of providing
relatively high output power from a package of modest
volume. The power density exhibited by these devices is
obtained by combining high circuit efficiency with effective
methods of heat removal from the die junctions. Good
design practices have effectively addressed this
requirement inside the device. However when operating
at maximum loads, significant heat generated at the die
junctions must be carried away by conduction from the
base. To maintain case temperature at or below the
specified maximum of 125°C, this heat can be transferred
by attachment to an appropriate heat dissipater held in
intimate contact with the converter base-plate.
The circuit topology used for regulating output voltages in
the ART28XXT series of converters was selected for a
number of reasons. Significant among these is the ability
to simultaneously provide adequate regulation to three
output voltages while maintaining modest circuit complexity.
These attributes were fundamental in retaining the high
reliability and insensitivity to radiation that characterizes
device performance. Use of this topology dictates
maintaining the minimum load specified in the electrical
tables on each output. Operating the converter without a
load on any output will result in peak charging to an output
voltage well above the specified voltage regulation limits,
potentially in excess of ratings, and should be avoided.
Output load currents less than specification minimums will
result in regulation performance that exceeds the limits
presented in the tables. In most practical applications, this
lower bound on the load range does not present a serious
constraint; however the user should be mindfull of device
performance when operated outside specified limits.
11
10
9
13
14
Sample
Hold
+12/+15 Vdc
Output
+12/+15 Vdc
Output Return
-12/-15 Vdc
Output
+5 Vdc
Output
+5 Vdc
Output Return
Short
Circuit
Pulse Width
Modulator
Primary Bias
& Reference
EMI
Filter
Under-Voltage
Detector
1
3
4
2
+Input
Enable
Sync In
Input
Return
5
Sync Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com