Electronic Components Datasheet Search
  English  ▼

X  

ART2812TCKC Datasheet(PDF) 5 Page - International Rectifier

Part # ART2812TCKC
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ART2812TCKC Datasheet(HTML) 5 Page - International Rectifier

  ART2812TCKC Datasheet HTML 1Page - International Rectifier ART2812TCKC Datasheet HTML 2Page - International Rectifier ART2812TCKC Datasheet HTML 3Page - International Rectifier ART2812TCKC Datasheet HTML 4Page - International Rectifier ART2812TCKC Datasheet HTML 5Page - International Rectifier ART2812TCKC Datasheet HTML 6Page - International Rectifier ART2812TCKC Datasheet HTML 7Page - International Rectifier ART2812TCKC Datasheet HTML 8Page - International Rectifier ART2812TCKC Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.irf.com
5
ART28XXT SERIES
Radiation Performance
The radiation tolerance characteristics inherent in the
ART28XXT converter are the direct result of a carefully
planned ground-up design program with specific radiation
design goals. After identification of the general circuit
topology, a primary task of the design effort was selection
of appropriate elements from the list of devices for which
extensive radiation effects data was available. By imposing
sufficiently large margins on those electrical parameters
subject to the degrading effects of radiation, designers
were able to select appropriate elements for incorporation
into the circuit. Known radiation data was utilized for input
to PSPICE and RadSPICE in the generation of circuit
performance verification analyses. Thus, electrical
performance capability under all environmental conditions
including radiation was well understood before first
application of power to the inputs.
A principal design goal was a converter topology that,
because of large design margins, had radiation performance
essentially independent of normal elemental lot radiation
Completion of first article fabrication, screening and
standard environmental testing was followed by radiation
testing to confirm design goals. All design goals were met
handily and in most cases exceeded by large margin.
These test samples were built with elements that, with the
foregoing exceptions, were not screened for radiation
characteristics. Additional radiation tests on subsequent
ART28XXT manufacturing lots provide continued
confirmation of the soundness of the design goals as well
as justification for the element selection criteria.
The following table specifies guaranteed minimum radiation
exposure levels tolerated while maintaining specification
limits.
performance variations. In the few instances where such
margins were not assured, element lots were selected
from which die were fabricated (and characterized) as
radiation hard devices so that realization of the design
goals could be assured.
Inspection
Application
Quantity
Group A
Part of Screening on Each Unit
100%
Group B
Each Inspection Lot
5 units
Group C
First Inspection Lot or
Following Class 1 Change
10 Units
Group D
In Line (Part of Element Evaluation)
Standard Periodic Inspections on ART28XXT Series
As prescribed by MIL-PRF-38534 for Option 2
Radiation Performance Characteristics
International Rectifier currently does not have a DLA Land and Maritime certified Radiation Hardness
Assurance Program.
Test Inspection
Method
Min
Typ
Unit
MIL-PRF-883, Method 1019
Total Ionizing Dose (Gamma)
Operating bias applied during exposure,
Full Rated Load, VIN = 28V
200
300
Krads(Si)
Dose Rate (Gamma Dot)
MIL-STD-883, Method 1023
Temporary Saturation
Operating bias applied during exposure,
1E8
Rads(Si)/sec
Survival
Full Rated Load, VIN = 28V
4E10
1E11
Neutron Fluence
MIL-STD-883, Method 1017
8E12
1E13
Neutrons/cm
2
Heavy Ions (LET)
Single Event Effects
Operating bias applied during exposure,
SEU, SEL, SEGR, SEB
Full Rated Load, VIN = 28V
83
MeVxcm
2
/mg
Test lab: Brookhaven National Laboratory,
Tandem Van de Graaff Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com