Electronic Components Datasheet Search
  English  ▼

X  

74LS395 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 74LS395
Description  4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS395 Datasheet(HTML) 4 Page - Motorola, Inc

  74LS395 Datasheet HTML 1Page - Motorola, Inc 74LS395 Datasheet HTML 2Page - Motorola, Inc 74LS395 Datasheet HTML 3Page - Motorola, Inc 74LS395 Datasheet HTML 4Page - Motorola, Inc 74LS395 Datasheet HTML 5Page - Motorola, Inc 74LS395 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC WAVEFORMS
The shaded areas indicate when the input is permitted to change for predictable output performance.
*The Data Input is DS for S = LOW and Pn for S = HIGH.
Figure 1
Figure 2
Figure 3
Figure 4
D
CP OR
MR
Q
VE
VOUT
VOUT
VE
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
tPLH
tPHL
th(L)
th(H)
1.3 V
1.3 V
1.3 V
≈ 1.3 V
1.3 V
1.3 V
1.3V
≈ 1.3 V
0.5 V
0.5 V
tPZL
tPLZ
VOL
tPZH tPHZ
≥ VOH
*
1/fmax
tW
ts(L)
ts(H)
S
CP
1.3 V
1.3 V
1.3 V
th(L)
th(H)
ts(L)
ts(H)
LOAD SERIAL DATA
SHIFT RIGHT
LOAD PARALLEL DATA
Figure 5
AC LOAD CIRCUIT
SW2
CL*
5 kΩ
SW1
VCC
RL
TO OUTPUT
UNDER TEST
SWITCH POSITIONS
* Includes Jig and Probe Capacitance.
5-554
FAST AND LS TTL DATA
SN74LS395
SYMBOL
SW1
SW2
tPZH
Open
Closed
tPZL
Closed
Open
tPLZ
Closed
Closed
tPHZ
Closed
Closed



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com