Electronic Components Datasheet Search
  English  ▼

X  

U422 Datasheet(PDF) 1 Page - Calogic, LLC

Part # U422
Description  N-Channel Dual JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

U422 Datasheet(HTML) 1 Page - Calogic, LLC

  U422 Datasheet HTML 1Page - Calogic, LLC U422 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
N-Channel Dual JFET
U421 – U426
FEATURES
•• Ultra Low Input Bias Current . . . . . . . 250 Fempto Amps
•• Low Operating Current
•• Tight Matching Characteristics
APPLICATIONS
•• Ultra Low Leakage FET Input Op Amps
•• Electrometer
•• Infrared Detectors
•• pH Meters
DESCRIPTION
The Calogic U421 Series are Dual N-Channel JFETs on a
monolithic structure designed specifically for very high input
impedance for differential amplification and impedance
matching.
This series features ultra low input bias current
(250 fempto amps, U421) while offering high gain at low
operating currents and tight matching characteristics. These
devices are available in chip form for hybrid designs as well
as a hermetic TO-78 package.
ORDERING INFORMATION
Part
Package
Temperature Range
U421-U426
TO-78 Hermetic Package -55
oC to +150oC
XU421-U426 Sorted Chips in Carriers
-55
oC to +150oC
PIN CONFIGURATION
CORPORATION
S2
G1
D2
D1
G2
S1
C
TO-78
1
2
3
4 5
BOTTOM VIEW
1
2
3
4
5
6
7
7
6
SOURCE 1
DRAIN 1
GATE 1
CASE/BODY
SOURCE 2
DRAIN 2
GATE 2
CJ4


Similar Part No. - U422

ManufacturerPart #DatasheetDescription
logo
Micross Components
U422 MICROSS-U422 Datasheet
276Kb / 1P
Linear Systems replaces discontinued Siliconix U422
logo
Linear Integrated Syste...
U422 LINEAR-U422 Datasheet
180Kb / 2P
LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL
logo
Tripp Lite. All Rights ...
U422-003 TRIPPLITE-U422-003 Datasheet
159Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Type-B M/M, 3-ft. Length
U422-003-G2 TRIPPLITE-U422-003-G2 Datasheet
160Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Type-B (M/M), 3 ft.
U422-006 TRIPPLITE-U422-006 Datasheet
164Kb / 3P
USB Type-C to USB Type-B Cable - 5 Gbps, USB-C (3.1) to USB-B (3.0), M/M, Thunderbolt 3, 6 ft.
More results

Similar Description - U422

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U443 CALOGIC-U443 Datasheet
25Kb / 2P
N-Channel JFET Monolithic Dual
logo
Micross Components
LS3958_TO-71 MICROSS-LS3958_TO-71 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
LS832_SOT-23 MICROSS-LS832_SOT-23 Datasheet
281Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
LS833_SOT-23 MICROSS-LS833_SOT-23 Datasheet
281Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
LS833_TO-78 MICROSS-LS833_TO-78 Datasheet
285Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N4082 NJSEMI-2N4082 Datasheet
73Kb / 1P
DUAL N-CHANNEL JFET
2N5453 NJSEMI-2N5453 Datasheet
74Kb / 1P
DUAL N-CHANNEL JFET
2N5565 NJSEMI-2N5565 Datasheet
65Kb / 1P
DUAL N-CHANNEL JFET
2N5566 NJSEMI-2N5566 Datasheet
93Kb / 1P
DUAL N-CHANNEL JFET
2N5905 NJSEMI-2N5905 Datasheet
82Kb / 1P
DUAL N-CHANNEL JFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com