Electronic Components Datasheet Search
  English  ▼

X  

ATS2805DHB Datasheet(PDF) 9 Page - International Rectifier

Part # ATS2805DHB
Description  HIGH RELIABILITY DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATS2805DHB Datasheet(HTML) 9 Page - International Rectifier

Back Button ATS2805DHB Datasheet HTML 2Page - International Rectifier ATS2805DHB Datasheet HTML 3Page - International Rectifier ATS2805DHB Datasheet HTML 4Page - International Rectifier ATS2805DHB Datasheet HTML 5Page - International Rectifier ATS2805DHB Datasheet HTML 6Page - International Rectifier ATS2805DHB Datasheet HTML 7Page - International Rectifier ATS2805DHB Datasheet HTML 8Page - International Rectifier ATS2805DHB Datasheet HTML 9Page - International Rectifier ATS2805DHB Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.irf.com
9
ATS SERIES
(28V Input, Single/Dual Output)
Mechanical Outline
Pin Designation (Single/Dual)
Pin #
Single
Dual
1
+ Input
+ Input
2
Input Return
Input Return
3
Case
Case
4
Inhibit
Inhibit
5
Output Adjust
Output Adjust
6
Output Return
- Vout
7
+ Vout
Output Return
8
NC
+ Vout
Pin ø
0.040
ø 0.128
4 Plcs
2.300
1.55
0.375
0.85
0.35
1.50 1.75 2.000
2.80
Ref
0.425
Max
0.050
0.47
0.40
2 Eq Spaces
@ 0.20
0.27
1.00
Ref
0.40
0.40
0.20
Tolerance: .XX = ±0.01
.XXX = ±0.005
0.220
0.25 Typ.
0.250
r 0.02



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com