Electronic Components Datasheet Search
  English  ▼

X  

HTA20005DEM Datasheet(PDF) 12 Page - International Rectifier

Part # HTA20005DEM
Description  HIGH TEMPERATURE DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA20005DEM Datasheet(HTML) 12 Page - International Rectifier

Back Button HTA20005DEM Datasheet HTML 6Page - International Rectifier HTA20005DEM Datasheet HTML 7Page - International Rectifier HTA20005DEM Datasheet HTML 8Page - International Rectifier HTA20005DEM Datasheet HTML 9Page - International Rectifier HTA20005DEM Datasheet HTML 10Page - International Rectifier HTA20005DEM Datasheet HTML 11Page - International Rectifier HTA20005DEM Datasheet HTML 12Page - International Rectifier HTA20005DEM Datasheet HTML 13Page - International Rectifier HTA20005DEM Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
www.irf.com
HTA-SERIES
(185°C, 200V Input, Single/Dual Output)
Mechanical Diagrams
NOTES: UNLESS OTHERWISE SPECIFIED, DIMENSIONAL TOLERANCES ARE ± 0.005"
2.500
1.500
0.430
Max.
0.245
1.000
Ref
0.250
0.200 Typ
Non-cum.
0.238 Max.
Pin
Ø 0.040
Flangeless Package
2.500
1.100
1.500
.2
0.075
Ø 0.177
3.400
3.805 Max.
0.430
Max.
0.245
1.000
Ref
0.250
0.200 Typ
Non-cum.
0.238 Max.
Pin
Ø 0.040
Flanged Package
NOTES: UNLESS OTHERWISE SPECIFIED, DIMENSIONAL TOLERANCES ARE ± 0.005"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com