Electronic Components Datasheet Search
  English  ▼

X  

VN2222LL Datasheet(PDF) 2 Page - Calogic, LLC

Part # VN2222LL
Description  N-Channel Enhancement-Mode MOS Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

VN2222LL Datasheet(HTML) 2 Page - Calogic, LLC

  VN2222LL Datasheet HTML 1Page - Calogic, LLC VN2222LL Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VN2222 Series
CORPORATION
SPECIFICATIONS
a
LIMITS
SYMBOL
PARAMETER
TYP
b
MIN
MAX
UNIT
TEST CONDITIONS
STATIC
V(BR)DSS
Drain-Source Breakdown Voltage
70
60
V
ID = 100
µA, VGS = 0V
VGS(th)
Gate-Threshold Voltage
2.3
0.6
2.5
VDS = VGS, ID = 1mA
IGSS
Gate-Body Leakage
±100
nA
VGS =
±20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
10
µA
VDS = 48V, VGS = 0V
500
TJ = 125
oC
ID(ON)
On-State Drain Current
c
1000
750
mA
VDS = 10V, VGS = 10V
rDS(ON)
Drain-Source On-Resistance
c
57.5
Ω
VGS = 5V, ID = 0.2A
2.5
7.5
VGS = 10V, ID = 0.5A
4.4
13.5
TJ = 125
oC
gFS
Forward Transconductance
c
230
100
mS
VDS = 10V, ID = 0.5A
gOS
Common Source Output Conductance
c
1200
µSVDS = 10V, ID = 0.2A
DYNAMIC
Ciss
Input Capacitance
16
60
pF
VDS = 25V, VGS = 0V, f = 1MHz
Coss
Output Capacitance
11
25
Crss
Reverse Transfer Capacitance
2
5
SWITCHING
tON
Turn-On Time
7
10
ns
VDD = 15V, RL = 23
Ω, ID = 0.6A
VGEN = 10V, RG = 25
Ω
tOFF
Turn-Off Time
7
10
(Switching time is essentially independent of
operating temperature)
Notes:
a. TA = 25
oC unless otherwise noted.
b. For design aid only, not subject to production testing.
c. Pulse test; PW =
≤300µS, duty cycle ≤2%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com