Electronic Components Datasheet Search
  English  ▼

X  

GH2801R5SCKA Datasheet(PDF) 2 Page - International Rectifier

Part # GH2801R5SCKA
Description  HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GH2801R5SCKA Datasheet(HTML) 2 Page - International Rectifier

  GH2801R5SCKA Datasheet HTML 1Page - International Rectifier GH2801R5SCKA Datasheet HTML 2Page - International Rectifier GH2801R5SCKA Datasheet HTML 3Page - International Rectifier GH2801R5SCKA Datasheet HTML 4Page - International Rectifier GH2801R5SCKA Datasheet HTML 5Page - International Rectifier GH2801R5SCKA Datasheet HTML 6Page - International Rectifier GH2801R5SCKA Datasheet HTML 7Page - International Rectifier GH2801R5SCKA Datasheet HTML 8Page - International Rectifier GH2801R5SCKA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com
GH-SERIES
(28V Input, Single Output)
1
Meets derating per MIL-STD-975
Electrical Performance Characteristics
For Notes to Electrical Performance Characteristics, refer to page 4
Specifications
Input voltage range
-0.5Vdc to +50Vdc
Input voltage range
+18Vdc to +40Vdc
Output power
Internally limited
Output power
0 to Max. Rated
Lead temperature
+300°C for 10 seconds
Operating temperature
-55°C to +85°C
Operating temperature
-55°C to +125°C
Operating temperature
1
-55°C to +80°C
Storage temperature
-55°C to +135°C
Recommended Operating Conditions
Absolute Maximum Ratings
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input Voltage
18
28
40
V
Output Voltage (Vout)
GH2801S
GH2801R5S
GH2801R8S
GH2802R5S
GH2803R3S
GH2805S
GH2801S
GH2801R5S
GH2801R8S
GH2802R5S
GH2803R3S
GH2805S
1
1
1
1
1
1
2,3
2,3
2,3
2,3
2,3
2,3
IOUT = 100% rated load
Note 3
0.98
1.48
1.77
2.47
3.28
4.98
0.96
1.45
1.75
2.45
3.24
4.93
1.00
1.50
1.80
2.50
3.30
5.00
Note 3
1.02
1.52
1.83
2.53
3.32
5.02
1.04
1.55
1.85
2.55
3.36
5.07
V
Output power (POUT)
GH2801S
GH2801R5S
GH2801R8S
GH2802R5S
GH2803R3S
GH2805S
1,2,3
VIN = 18, 28, 40 Volts, Note 2
0
0
0
0
0
0
20
30
36
50
50
50
W
Output current (IOUT)
GH2801S
GH2801R5S
GH2801R8S
GH2802R5S
GH2803R3S
GH2805S
1,2,3
VIN = 18, 28, 40 Volts, Note 2
0
0
0
0
0
0
20
20
20
20
15.15
10
A
Line regulation (VRLINE)
1,2,3
VIN = 18, 28, 40 Volts
IOUT = 0, 50%, 100% rated
-10
10
mV
Load regulation (VRLOAD)
1,2,3
IOUT = 0, 50%, 100% rated
VIN = 18, 28, 40 Volts
-0.5
0.5
%
Input current (IIN)
1,2,3
IOUT = 0, Pin 3 open
130
200
mA
Pin 3 shorted to pin 2
2.0
5.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com