Electronic Components Datasheet Search
  English  ▼

X  

1600 Datasheet(PDF) 2 Page - C&D Technologies

Part # 1600
Description  Dual and Quad Data-bus Isolators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

1600 Datasheet(HTML) 2 Page - C&D Technologies

  1600 Datasheet HTML 1Page - C&D Technologies 1600 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1600 SERIES
Dual and Quad Data-bus Isolators
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2000
NMP 1600.2
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.cdpoweronline.com
MECHANICAL DIMENSIONS (PACKAGE STYLE 1)
All dimensions in mm (±0.25mm unless otherwise stated)
12.90
6.86
8.00
8.65
10 PIN DIL (TOP VIEW)
N
10 9
7
6
12
4
5
N
11
0.25±0.05
10.16
5.80
4.50
REPETITION RATE VERSUS PULSE WIDTH CURVE
2.54
0.50±0.05
0.64±0.15
MECHANICAL DIMENSIONS (PACKAGE STYLE 2)
All dimensions in mm (±0.25mm unless otherwise stated)
22.50
6.86
8.00
8.65
16 PIN DIL (TOP VIEW)
N
16 15 14 13 12 11 10 9
12345678
1
N
1
N
1
N
1
0.25±0.05
17.78
5.80
4.50
2.54
0.50±0.05
Operating Region
tPW max
0.1
1
10
100
tT (µs)
10
1
0.1
tPW
tT
0.64±0.15
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www.cdpoweronline.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com