Electronic Components Datasheet Search
  English  ▼

X  

1003 Datasheet(PDF) 1 Page - C&D Technologies

Part # 1003
Description  Pulse Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

1003 Datasheet(HTML) 1 Page - C&D Technologies

  1003 Datasheet HTML 1Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SELECTION GUIDE
FEATURES
s
UL 94V-0 Package Material
s
Isolation to 2kVrms
s
Inductance to 35mH
s
Compact Footprint
s
PCB Mounting
DESCRIPTION
The 1000 series are intended for wideband
and pulse operations. They are also suitable
for signal isolation and small isolated power
supplies. The compact footprint makes them
ideal for applications where space is at
a premium.
Order Code
mH
Vµs
µH
pF
Ω
Ω
Ω
Vrms
1001
1:1
3.0
200
22
23
1.2
1.0
–
2000
A
2
1002
1:1:1
3.0
200
9
28
1.4
1.3
1.7
2000
B
1
1003
2:1:1
12
400
35
30
4.0
1.8
2.4
2000
B
1
Operating free air temperature range
0°C to 70°C
Storage temperature range
--60°C to 125°C
Lead Temperature 1.5mm from case for 10 seconds
300°C
ABSOLUTE MAXIMUM RATINGS
1000 SERIES
Pulse Transformers
MECHANICAL DIMENSIONS
15.06
15.06
15.75±0.50
20.5
5.08
10.16
Ø0.71±0.05
1
1003
YYWW
5.08
15.06
15.06
15.75±0.50
20.5
10.16
Ø0.71±0.05
2
1001
YYWW
10.16
All specifications typical at TA=25°C.
PIN CONNECTION STYLE
6 Pin DIP (top view)
A
B
Pri
Pri
S2
S1
Sec
2
6
2
4
6
1
5
1
3
5
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
C&D Technologies (NCL), Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2002
NMP 1000.2
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
www.dc-dc.com


Similar Part No. - 1003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1003 MACOM-1003 Datasheet
50Kb / 1P
WILMAR??Protective Relays - 1000 Series
logo
XFMRS Inc.
1003 XFMRS-1003 Datasheet
51Kb / 1P
MAGNETICS
logo
Adafruit Industries
1003 ADAFRUIT-1003 Datasheet
73Kb / 1P
Pig-Tail Cables - 0.1" 2-pin - 4 Pack
logo
Samsung semiconductor
1003-001243 SAMSUNG-1003-001243 Datasheet
1Mb / 43P
Color Monitor
September 1999
logo
Heyco.
10030 HEYCO-10030 Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
More results

Similar Description - 1003

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
766 CANDD-766 Datasheet
302Kb / 2P
Pulse Transformers
786 CANDD-786 Datasheet
142Kb / 2P
Pulse Transformers
logo
Bel Fuse Inc.
S553-3855-01 BEL-S553-3855-01 Datasheet
55Kb / 1P
PULSE TRANSFORMERS
logo
List of Unclassifed Man...
612G ETC2-612G Datasheet
155Kb / 1P
PULSE TRANSFORMERS
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
Pulse Transformers
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
Pulse Transformers
logo
TDK Electronics
TLA-7T201LF-T TDK-TLA-7T201LF-T Datasheet
412Kb / 34P
Pulse transformers
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
Pulse transformers
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
Pulse Transformers
772 MURATA-PS-772 Datasheet
206Kb / 3P
Pulse Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com