Electronic Components Datasheet Search
  English  ▼

X  

1620 Datasheet(PDF) 1 Page - C&D Technologies

Part # 1620
Description  Dual and Quad Data-bus Isolators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

1620 Datasheet(HTML) 1 Page - C&D Technologies

  1620 Datasheet HTML 1Page - C&D Technologies 1620 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1600 SERIES
Dual and Quad Data-bus Isolators
INVERTED +VE GOING PULSE
INVERTED –VE GOING PULSE
FEATURES
■
Logic Translation
■
Bi-Directional
■
Invert / Non-Invert
■
TTL-CMOS Convert
■
3V-5V convert
■
Toroidal construction
■
Low Profile
■
Dual or Quad packs
■
700VDC Isolation
DESCRIPTION
TThe 1600 series are dual or quad isolation
transformer packs for use in digital circuits.
They are particularly suited to isolating
microprocessor bus connections and
performing logic level translation.
Being completely passive, power savings
are offered over opto-coupled or emitter
follower solutions.
Operating free air temperature range
0°C to 70°C
Storage temperature range
--40°C to 125°C
Lead Temperature 1.5mm from case for 10 seconds
300°C
Isolation voltage (flash tested for 1 second)
700VDC
Insulation resistance at 500VDC
>10GΩ
ABSOLUTE MAXIMUM RATINGS
NON-INVERTED +VE GOING PULSE
NON-INVERTED –VE GOING PULSE
SELECTION GUIDE
Order Code Type
Function
uS
mH
pF
1600
Quad Isolator 5V to 5V Logic Isolation
5
1:1
3
60
2
1601
Dual Isolator
5V to 5V Logic Isolation
5
1:1
3
60
1
1620
Quad Isolator 5V to 10V Logic Isolation
3.4
1:2
1.5
45
2
1621
Dual Isolator
5V to 10V Logic Isolation
3.4
1:2
1.5
45
1
1630
Quad Isolator 5V to 15V Logic Isolation
2.6
1:3
1
34
2
1631
Dual Isolator
5V to 15V Logic Isolation
2.6
1:3
1
34
1
1635
Quad Isolator 3.3V to 5V Logic Isolation
5
1:1.5
2
40
2
1636
Dual Isolator
3.3V to 5V Logic Isolation
5
1:1.5
2
40
1
1 The maximum pulse width limit to be applied to the repetition curve.
All specifications typical at TA =25°C
Parameter
Conditions
MAX
Units
Propagation delay, tPD
LSTTL Buffer drive
5.0
ns
Low-level pulse width1 , tLPW
Other terminal to VCC
5.0
µs
High-level pulse width1 , tHPW
Other terminal to GND
5.0
µs
SWITCHING CHARACTERISTICS, 5V LOGIC
0V
0V
1
2
16
15
Quad-Bus
Isolator
0V
1
2
16
15
Quad-Bus
Isolator
0V
+5V
+5V
1
2
16
15
Quad-Bus
Isolator
+5V
+5V
1
2
16
15
Quad-Bus
Isolator
www.cdpoweronline.com


Similar Part No. - 1620

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1620 3M-1620 Datasheet
30Kb / 1P
Shielded Bags, Standard and Zipped
logo
IET Labs Inc.
1620 IET-1620 Datasheet
240Kb / 4P
Precision Capacitance Measurement System
logo
Abbatron All Rights Res...
1620 ABBATRON-1620 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
1620 ADAFRUIT-1620 Datasheet
72Kb / 1P
USB Cable with Switch
logo
ETAL Group
1620-1 ETAL-1620-1 Datasheet
229Kb / 2P
Protection of electrical systems of passenger cars, trucks, buses, watercraft, extra low voltage wiring systems
More results

Similar Description - 1620

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40 Datasheet
51Kb / 2P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 7 - 2
QSBT40 DIODES-QSBT40_1 Datasheet
72Kb / 3P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 12 - 2
logo
Texas Instruments
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
QUAD DIGITAL ISOLATORS
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40 Datasheet
132Kb / 3P
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Texas Instruments
ISO7240 TI-ISO7240_1 Datasheet
767Kb / 25P
QUAD DIGITAL ISOLATORS
logo
Murata Power Solutions ...
1600C MURATA-PS-1600C Datasheet
106Kb / 2P
Quad Data-bus Isolators
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40_08 Datasheet
150Kb / 3P
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40_15 Datasheet
85Kb / 4P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev 16
logo
Murata Power Solutions ...
KMP-1600 MURATA-PS-KMP-1600 Datasheet
393Kb / 2P
Quad Data-bus Isolators
1600 MURATA-PS-1600 Datasheet
95Kb / 2P
Quad Data-bus Isolators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com