Electronic Components Datasheet Search
  English  ▼

X  

LM3940 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3940
Description  LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3940 Datasheet(HTML) 2 Page - Texas Instruments

  LM3940 Datasheet HTML 1Page - Texas Instruments LM3940 Datasheet HTML 2Page - Texas Instruments LM3940 Datasheet HTML 3Page - Texas Instruments LM3940 Datasheet HTML 4Page - Texas Instruments LM3940 Datasheet HTML 5Page - Texas Instruments LM3940 Datasheet HTML 6Page - Texas Instruments LM3940 Datasheet HTML 7Page - Texas Instruments LM3940 Datasheet HTML 8Page - Texas Instruments LM3940 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM3940
SNVS114E – MAY 1999 – REVISED MARCH 2013
www.ti.com
Figure 4. 16-Lead CDIP
Figure 5. 16-Lead CLGA
(Top View)
(Top View)
Drawing Number NFE0016A
Drawing Number NAC0016A
A.
Pin 2 and pin 7 are fused to center DAP.
B.
Pin 5 and 6 need to be tied together on PCB board.
Figure 6. 8-Lead WSON
(Top View)(A)(B)
Drawing Number NGN008A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 5 seconds)
260°C
Power Dissipation (2)
Internally Limited
Input Supply Voltage
7.5V
ESD Rating (3)
2 kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device outside of its rated operating conditions.
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. Exceeding the maximum allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown. The value of
θJA (for devices in still air with no heatsink) is 60°C/W for the
TO-220 package, 80°C/W for the DDPAK/TO-263 package, and 174°C/W for the SOT-223 package. The effective value of
θJA can be
reduced by using a heatsink (see APPLICATION HINTS for specific information on heatsinking). The value of
θJA for the WSON
package is specifically dependant on PCB trace area, trace material, and the number of layers and thermal vias. For improved thermal
resistance and power dissipation for the WSON package, refer to Application Note AN-1187 SNOA401. The
θJA rating for the WSON is
with a JESD51-7 test board having 6 thermal vias under the exposed pad.
(3)
ESD rating is based on the human body model: 100 pF discharged through 1.5 k
Ω.
Operating Ratings
(1)
Junction Temperature Range, TJ
−40°C to +125°C
Input Supply Voltage, VIN(MIN)
VO + VDO
(1)
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device outside of its rated operating conditions.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM3940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com