Electronic Components Datasheet Search
  English  ▼

X  

EM800 Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # EM800
Description  LambdaDriver짰 Management Module (EM1600-MNGT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM800 Datasheet(HTML) 2 Page - MRV Communications, Inc.

  EM800 Datasheet HTML 1Page - MRV Communications, Inc. EM800 Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MRV (West Coast USA)
20415 Nordhoff St.
Chatsworth, CA 91311
800-338-5316
818-773-0900
MRV (East Coast USA)
295 Foster St.
Littleton, MA 01460
800-338-5316
978-952-4700
MRV (International)
Bussiness Park Moerfelden
Waldeckerstrasse 13
64546 Moerfelden-Walldorf
Germany
Tel. (49) 6105/2070
Fax. (49) 6105/207-100
MRV has more than 50 offices throughout the world. Addresses, phone numbers, and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mrv.com or call us for assistance.
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness
thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information. MRV Communications and the MRV Communications
logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
Management Features
- Polling LambdaDriver modules for extensive
information including installed module types, link status,
optical power levels, etc.
- Enables loop-back functionality for troubleshooting,
- Configuration of data rate and wavelength selection (for
wavelength tunable devices), as well as other module-
specific parameter settings.
- Monitors the devices’ operating temperature, power
supply status, fan status, etc.
- Fully supports Digital Diagnostics information
retrieval for optical performance monitoring of
pluggable transceivers.
- Performance Monitoring reports per ITU-T G.709
- Remote Firmware and Configuration download.
- Syslog - Automatic logging of system events.
- Event traps can be set to provide specific alerts to the
network manager.
Security
Using Linux as the operating system offers all the advantages
of the Open Source environment to the network administrator.
Since security is a prime concern of IT administrators, this
management module provides the necessary solution by
offering a highly secure operating environment with its SSH,
SNMPv3, and RADIUS capabilities.
Multiple users can concurrently access the LambdaDriver
without compromising overall security.
Graphical User Interface (GUI) management
MRV’s NMS provides complete GUI management for all MRV
products including the LambdaDriver product line.
A special integrated application, the WDM Service Monitor,
enables real-time monitoring of the LambdaDriver selected
service channels.
This application presents an end-to-end graphical view of
every channel selected in a LambdaDriver WDM network, thus
providing the network administrator with a comprehensive
means to visualize the actual state of all services.
Management Administration Features
Configuration files can be uploaded/downloaded in standard
ASCII format, allowing configurations to be edited offline and to
be saved remotely for easy retrieval.
Two copies of a configuration file are saved on the management
module to provide backup as a safety net for configurations.
Firmware updates can be performed locally or remotely by TFTP.
A copy of the previous software version is saved on the
management module to provide backup in case of problems
with the new software download.
A Real-time Clock is supported for automatic synchronization
with a designated time-of-day server through Network Time
Protocol (NTP).
IP SLA is a service assurance tool that enables service providers
and enterprises to monitor and measure the connectivity and
performance of Layer 3 routing networks by providing Round-
Trip Delay (RTD), jitter, and packet loss data between remote
end-points based on RFC 2925 requirements.
If there is a DNS server in the network, EM800-MNGT will operate
as a DNS agent to provide a user-friendly node-naming scheme.
It can operate in Layer 2 Switched mode with VLAN support and
in Layer 3 Routed mode supporting OSPF and static Routing.
MRV-LD- 16MNGT
Rev.1
03 -13
Copyright ©2013 MRV Communications, Inc. All Rights Re-
EM1600-MNGT
Lambda Driver 1600 Linux based Management Module
Regulatory Compliance
FCC Part 15 (Class A); EMC Directive: Emission (Class A) and Immunity; RoHS2 Directive, REACH SVHC,
WEEE Directive.
Operating Temperature
-5 to 50°C (23 to 122°F)
Storage Temperature
-10 to 70oC (14 to 158°F)
Relative Humidity
90% maximum, non-condensing
Dimensions (W x H x D)
26.93 x 263.4 x 227 mm ( 1.06 x 10.37 x 8.937 in)
Weight
1.009 kg (2.22 lb)
MTBF@250C/770F
616375 hr
Connector
4 x SFP receptacles, 3x RJ45 Ethernet, 1 x console EIA - 232 (RJ45), 1xUSB 2.0
Power consumption
6.5 watt
Enviromental



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com