Electronic Components Datasheet Search
  English  ▼

X  

5RM487 Datasheet(PDF) 3 Page - C&D Technologies

Part # 5RM487
Description  7.5 AMP Modular Switch Mode Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

5RM487 Datasheet(HTML) 3 Page - C&D Technologies

  5RM487 Datasheet HTML 1Page - C&D Technologies 5RM487 Datasheet HTML 2Page - C&D Technologies 5RM487 Datasheet HTML 3Page - C&D Technologies 5RM487 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RM4875 4/98 REV A
Page 3
Output Specifications
Rectifier Failure Alarm (RFA)
Problems occurring because of an unacceptable relation-
ship between the output power and load conditions will
cause a Rectifier Failure Alarm (RFA). This alarm consists
of a red LED and a flashing green OK LED. Conditions
which may lead to an RFA are:
Low Current - Output current has decreased to below
5% of its rated value.
Unit Shutdown - Any shutdown occurrence due to
overvoltage, external shutdown command, unacceptable
ambient temperature conditions or low AC input voltage.
Load Sharing Terminal Pin Out Of Range - The
terminal pin is out of range.
Remote Control Terminal Out Of Range - The remote
control terminal pins are out of range.
Line Sag - This condition occurs when the nominal
voltage decreases below 180V. Normal range is 208-
240V.
Fan Malfunction - The fan has stopped operating or is
not providing the airflow needed to cool the unit.
Over Temperature - The ambient temperature has
exceeded 65°C.
High Voltage Shutdown (HVSD)
The unit’s built-in high voltage limit is permanently set at
60V. When internal shutdown occurs, the unit may be
restarted by a local switch or by a remote signal.
Surge Protection
The unit will withstand lightning and input surges of
6000V/3000A.
Under Voltage Protection
When input voltage is below 105 VAC, the rectifier’s
operation is automatically power limited.
PROTECTION, ALARM AND CONTROL SYSTEMS
Parameter
Conditions
Min
Typ
Max
Units
Voltage Adjustment Range
float voltage
48
56
VDC
equalize voltage
52
60
VDC
Regulation
0-100% load within
specified input voltage and frequency range
± .5
%
Load Current
within a 10 - 100% rating
±10
%
Hold-Up Time
nominal AC line
>16
mS
Filtering
Voice band
<32
dBrnc
Wide band noise
@ 20 MHz
<250
mV p-p
ENVIRONMENTAL
Temperature
Operating
-40
+65
°C
-40
149
°F
Storage
-50
+85
°C
-58
185
°F
Humidity
non-condensing
0
95
%
Altitude
0
7000
ft.
0
2133
m
Heat Dissipation
@54V
264
Btu/hr
Audible Noise
5 ft. from any vertical surface
<55
dBa



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com