Electronic Components Datasheet Search
  English  ▼

X  

23330 Datasheet(PDF) 1 Page - C&D Technologies

Part # 23330
Description  Bobbin Wound Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

23330 Datasheet(HTML) 1 Page - C&D Technologies

  23330 Datasheet HTML 1Page - C&D Technologies 23330 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cdpoweronline.com
2300 SERIES
Bobbin Wound Surface Mount Inductors
FEATURES
■
Bobbin Format
■
Up to 2.1A IDC
■
2.2µH to 220µH
■
Low DC Resistance
■
Surface Mounting
■
Compact Size
■
Tape and Reel Packaging
■
Optional Integral EMI Shield
DESCRIPTION
The 2300 series is a range of bobbin wound
surface mount inductors designed for use in
switching power supply and power line filter
circuits. The parts are suitable for any
application requiring a high saturation
current in a miniature surface mount footprint.
Where EMI is a critical factor the devices are
available with an integral ferrite EMI shield.
ABSOLUTE MAXIMUM RATINGS
1 Specifications typical at TA =25°C
2 The maximum DC current is the value at which the inductance falls to 75% of its nominal value or until its tempera-
ture rise reaches 40°C, whichever is sooner.
3 For tape and reel packaging details refer to datasheet NDC AN002.
Operating free air temperature range
–40°C to 85°C
Storage temperature range
–40°C to 125°C
SELECTION GUIDE (UNSHIELDED TYPES)1
Nominal
Inductance
DC
DC Current
Package
Inductance
Range
Resistance
Continuous2
Style
µH
µH
Ω
A
1kHz
1kHz
Order Code
100mV AC
100mV AC
MAX
MAX
232R2
2.2
1.7 - 2.8
0.029
2.10
233R3
3.3
2.3 - 3.9
0.044
1.80
234R7
4.7
3.6 - 6.0
0.068
1.48
236R8
6.8
5.1 - 8.6
0.102
1.22
23100
10
7.6 - 12.7
0.138
1.02
23150
15
11.3 - 18.9
0.210
0.86
1
23220
22
16.8 - 28.1
0.285
0.74
23330
33
24.6 - 41.0
0.497
0.64
23470
47
34.6 - 57.6
0.683
0.55
23680
68
51.0 - 85.0
0.838
0.49
23101
100
74.2 - 124
1.281
0.43
SELECTION GUIDE (EMI SHIELDED TYPES)1
Nominal
Inductance
DC
DC Current
Package
Inductance
Range
Resistance
Continuous2
Style
µH
µH
Ω
A
1kHz
1kHz
Order Code
100mV AC
100mV AC
MAX
MAX
23S2R2
2.2
1.8 - 3.0
0.025
2.10
23S3R3
3.3
2.7 - 4.5
0.031
1.80
23S4R7
4.7
3.8 - 6.4
0.044
1.60
23S6R8
6.8
5.2 - 8.6
0.064
1.40
23S100
10
7.5 - 12.6
0.087
1.18
23S120
12
9.4 - 15.6
0.107
1.08
23S150
15
11.4 - 19.0
0.131
0.96
23S180
18
13.6 - 22.6
0.143
0.88
23S220
22
16.0 - 26.7
0.175
0.80
2
23S270
27
20.0 - 33.3
0.218
0.72
23S330
33
24.4 - 40.7
0.241
0.65
23S390
39
29.3 - 48.8
0.370
0.60
23S470
47
34.6 - 57.7
0.460
0.54
23S560
56
42.4 - 70.6
0.509
0.50
23S680
68
50.9 - 84.9
0.641
0.45
23S101
100
75.8 - 126
0.782
0.37
23S151
150
112 - 187
1.190
0.30
23S221
220
167 - 279
2.280
0.25


Similar Part No. - 23330

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
23330C MURATA-23330C Datasheet
135Kb / 4P
Bobbin Wound Surface Mount Inductors
More results

Similar Description - 23330

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
2400 CANDD-2400 Datasheet
100Kb / 2P
Bobbin Wound Surface Mount Inductors
2600 CANDD-2600 Datasheet
101Kb / 2P
Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2300 MURATA-KMP_2300 Datasheet
135Kb / 4P
Bobbin Wound Surface Mount Inductors
KMP_2400 MURATA-KMP_2400 Datasheet
170Kb / 4P
Bobbin Wound Surface Mount Inductors
KMP_2600 MURATA-KMP_2600 Datasheet
156Kb / 4P
Bobbin Wound Surface Mount Inductors
KMP_2800 MURATA-KMP_2800 Datasheet
133Kb / 3P
Bobbin Wound Surface Mount Inductors
logo
Murata Power Solutions ...
2200RM MURATA-PS-2200RM Datasheet
185Kb / 3P
Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
22R105MC MURATA-22R105MC Datasheet
178Kb / 3P
Bobbin Wound Surface Mount Inductors
logo
Murata Power Solutions ...
2600 MURATA-PS-2600 Datasheet
153Kb / 4P
Bobbin Wound Surface Mount Inductors
2800 MURATA-PS-2800 Datasheet
280Kb / 3P
Bobbin Wound Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com