Electronic Components Datasheet Search
  English  ▼

X  

EM800MP2 Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # EM800MP2
Description  LambdaDriver짰??Optical Band Splitters Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM800MP2 Datasheet(HTML) 1 Page - MRV Communications, Inc.

  EM800MP2 Datasheet HTML 1Page - MRV Communications, Inc. EM800MP2 Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The optical passive splitter and interleaver modules are important building blocks of the LambdaDriver Optical Transport
System and serve at optical communication nodes to divide /split and transport the optical bandwidth as portions of
optical sub-bands.The applications include:
a.
In service Power monitoring – A portion (usually 5%) of the incoming optical signal is taken to a “monitor” port
for connecting to measurement equipment while the rest of the signal is transported transparently to the output
port.
b. Separating the Optical spectrum to different bands - Band Splitter devices transport a specific band of DWDM
channels to an output port.
As an example the “Red”/”Blue” Band Splitter separates the Incoming optical signal between two Output
ports, each forwarding only the channels that belong to the specific band (Red or Blue).
c.
Combining/Splitting DWDM 100Ghz spaced channels over 50Ghz spacing transport – Interleaver. In order to
increase the number of DWDM wavelength forwarded over existing infrastructure, 100GHz spaced channels
shifted by 50Ghz are combined by the interleaver thus doubling the number of channels transported over the
same media.
LambdaDriver®– Optical Band Splitters Module
(EM800-MP2, EM800-MP2-50, EM800/EM1600-RBBS)
Hot swappable
Functional in non-powered mode
DWDM networks In-service upgrade
In-service optical monitoring
Overview
Applications
� ����
�� ����
���
� ����
�� ����
���
� ����
�� ����
���
� ����
�� ����
���
�����������
�����������
��� ����
��������
��� ����
��������
�����������
� ����
�� ����
���
� ����
�� ����
���
� ����
�� ����
���
� ����
�� ����
���
�����������
�����������
������ �������� � ����
�� �����
������ �������� � ����
�� �����
����� �������� � ����
�� �����
����� �������� � ����
�� �����
����� �������� ��� ����
��� �����
������ ��� �����
�������� ����� �������
������ ����� ��� ����� ��� �������
Building 160 waves configuration
Features
WDM & Optical Transport
Not sure what solution best fits your needs? Visit www.mrv.com or e-mail us at sales@mrv.com
Datasheet


Similar Part No. - EM800MP2

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
EM800 EDI-EM800 Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
MRV Communications, Inc...
EM800 MRV-EM800 Datasheet
497Kb / 2P
LambdaDriver짰 Management Module (EM1600-MNGT)
EM800-DCM MRV-EM800-DCM Datasheet
1Mb / 2P
LambdaDriver Dispersion Compensation Module (EM800/1600-DCM and DCMD)
EM800-DCM40 MRV-EM800-DCM40 Datasheet
264Kb / 2P
LambdaDriver짰- LambdaDriver ??Dispersion Compensation Modules (DCM)
EM800-DCMD MRV-EM800-DCMD Datasheet
1Mb / 2P
LambdaDriver Dispersion Compensation Module (EM800/1600-DCM and DCMD)
More results

Similar Description - EM800MP2

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
1600-MUX MRV-1600-MUX Datasheet
264Kb / 2P
LambdaDriver짰 Passive Optical Modules
EM800 MRV-EM800 Datasheet
497Kb / 2P
LambdaDriver짰 Management Module (EM1600-MNGT)
EM800-DCMT14 MRV-EM800-DCMT14 Datasheet
358Kb / 2P
LambdaDriver짰??Tunable Dispersion Compensation Module
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
EM800-OAX MRV-EM800-OAX Datasheet
1Mb / 4P
LambdaDriver짰 - Optical Amplifi er Module
EM1600-16AXFP2 MRV-EM1600-16AXFP2 Datasheet
408Kb / 2P
LambdaDriver짰 Multi-protocol OTN Muxponder Module
EM2009-VOA4 MRV-EM2009-VOA4 Datasheet
1Mb / 2P
LambdaDriver짰 - Variable Optical Attenuators (VOA) Module
TM2-SFPXC MRV-TM2-SFPXC Datasheet
665Kb / 2P
LambdaDriver짰 - Multi-rate Module (TM2-SFPXC)
TM2-XSFPFM MRV-TM2-XSFPFM Datasheet
1Mb / 2P
LambdaDriver짰??0Gbps - Dual Transponder Module with FEC
TM-GM8XFP MRV-TM-GM8XFP Datasheet
248Kb / 2P
LambdaDriver짰 8x1GE Muxponder Module with XFP trunk
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com