Electronic Components Datasheet Search
  English  ▼

X  

EM800OAI Datasheet(PDF) 3 Page - MRV Communications, Inc.

Part # EM800OAI
Description  LambdaDriver짰 - Optical Amplifi er Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM800OAI Datasheet(HTML) 3 Page - MRV Communications, Inc.

  EM800OAI Datasheet HTML 1Page - MRV Communications, Inc. EM800OAI Datasheet HTML 2Page - MRV Communications, Inc. EM800OAI Datasheet HTML 3Page - MRV Communications, Inc. EM800OAI Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Parameter
Value
Units
Minimum
Typical
Typical
Maximum
Wavelength Range
1528
1563
nm
Output power
Booster & In-Line
With Mid-Stage
SOAB13, SOAI & Pre-Amplifier
With Mid-Stage
With Mid-Stage
High Power Booster
SOAB13, SOAI & Pre-Amplifier
SOAB13, SOAI & Pre-Amplifier
High Power In-line
High Power Booster
High Power Booster
+18
+17
+13
+22
+21
dBm
Input power
Booster
In-Line
25db gain In-Line
Pre-Amplifier
25db gain In-Line
25db gain In-Line
High Power Booster
Pre-Amplifier
Pre-Amplifier
High Power In-line
High Power Booster
High Power Booster
25db gain High Power In-Line
25db gain High Power In-Line
High Power In-line
High Power In-line
-15
-25
-25
-30
-11
-22
-27
9
-3
-8
-7
14
3
-2
dBm
Signal Gain *
Booster
In-line
Pre-amp
Pre-amp
9 or 15
20 or 25
10 or 20
dB
Noise Figure at rated Gain
Booster
Booster with mid-tage
In-Line
In-Line with mid-tage
Pre-Amplifier
In-Line with mid-tage
In-Line with mid-tage
High Power Booster
Pre-Amplifier
Pre-Amplifier
High Power Booster with mid-tage
High Power Booster
High Power Booster
High Power In-line
High Power Booster with mid-tage
High Power Booster with mid-tage
High Power In-line with mid-tage
High Power In-line with mid-tage
High Power In-line
High Power In-line
7,5
9
6
6
5.5
8
11.5
6
7
dB
Input Dynamic Range
25
dB
Input/Output Isolation (Min)
30
dB
Gain Flatness at Specified Gain with GFF
+/-0.5
+/-1.0
dB
Optical Return Loss (at Input and Output ports)
25
dB
Polarization Mode Dispersion
0.3
0.5
dB
Polariziation Dependent Gain
+/-0.2
+/-0.5
dB
Transient Overshoot (10 dB Drop)
0.5
1.0
dB
Transient Suppression Time (10 dB Drop)
< 32
µs
µs
Management
LEDs
WDM transmission laser status,Temperature status,
Port reception status, Port transmission status
Port reception status, Port transmission status
Monitoring
Input power, Output power, Gain,Temperature
Input power, Output power, Gain,Temperature
Alarm
Input power, Output power,Temperature
Input power, Output power,Temperature
Power Consumption:
18dBm type
Power Consumption:
Power Consumption:
High Power
High Power
18dBm type
18dBm type
3.3 W
15 W
Technical Specifications
Model dependent - see ordering information section
WDM & Optical Transport



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com