Electronic Components Datasheet Search
  English  ▼

X  

EM800SOAP Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # EM800SOAP
Description  LambdaDriver짰 - Optical Amplifi er Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM800SOAP Datasheet(HTML) 1 Page - MRV Communications, Inc.

  EM800SOAP Datasheet HTML 1Page - MRV Communications, Inc. EM800SOAP Datasheet HTML 2Page - MRV Communications, Inc. EM800SOAP Datasheet HTML 3Page - MRV Communications, Inc. EM800SOAP Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LambdaDriver® Optical Amplifier modules are a
family of low-noise Erbium-Doped Fiber Amplifiers
(EDFA) ideal for Metro and Long-Haul Dense Wavelength
Division Multiplexing (DWDM) as well as Single
Wavelength applications. The optical design, coupled
with sophisticated control circuitry, allows these
Optical Amplifiers to provide constant gain even with
wavelengths being added or dropped in the network.
Any fluctuations caused by wavelengths addition/
removal can be handled by its ultra-fast transient
suppression.
When paired with the LambdaDriver® Element
Management Module , full monitoring and configuration
capabilities are supported with a local RS-232 interface
and Ethernet/Fast Ethernet interfaces for remote
network monitoring using Telnet and SNMP.
Using MRV’s MegaVision Web® NMS provides remote
control reducing the costly need for many infield service
calls.
The modules allow monitoring of input and output
power levels (real dBm values), temperature and signal
gain.
The modules can be operated in two modes: automatic
gain control or automatic power control.These operating
modes and their respective parameter settings are
factory pre-configured but can be changed by MRV
authorized personnel.
In AGC mode, the module maintains constant gain for
each channel according to the Gain parameter setting,
as long as the total output power does not exceed the
maximum rated value (+22 dBm). This mode is factory
pre-configured.
LambdaDriver® - Optical Amplifier Module (EM800-OAx/EM1600-OAx)
Booster, In line and Pre-Amplifier
Up to 22dBm maximum output power
Protocol and bandwidth transparent
Gain flatness (with GFF) less than 1.0 dB
Low Noise figure
Optical power monitoring
Front panel status LEDs
Fast transient suppression time
Automatic Laser Shutdown (ALS)
Mid-stage connection
DWDM networks
Single-channel amplification
Distance extention
Applications
����
���
�������
�� ����
���
���
����
���
������� ���������
������� ���������
�����
�� ��
�����
�����������
�����������
�����������
�����������
�����������
�����������
�����
�����
�����
�� ��
������� ���������
Long Haul Application
Optical Amplifier modules
Features
WDM & Optical Transport
Not sure what solution best fits your needs? Visit www.mrv.com or e-mail us at sales@mrv.com
Datasheet


Similar Part No. - EM800SOAP

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
EM800 EDI-EM800 Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
MRV Communications, Inc...
EM800 MRV-EM800 Datasheet
497Kb / 2P
LambdaDriver짰 Management Module (EM1600-MNGT)
EM800-DCM MRV-EM800-DCM Datasheet
1Mb / 2P
LambdaDriver Dispersion Compensation Module (EM800/1600-DCM and DCMD)
EM800-DCM40 MRV-EM800-DCM40 Datasheet
264Kb / 2P
LambdaDriver짰- LambdaDriver ??Dispersion Compensation Modules (DCM)
EM800-DCMD MRV-EM800-DCMD Datasheet
1Mb / 2P
LambdaDriver Dispersion Compensation Module (EM800/1600-DCM and DCMD)
More results

Similar Description - EM800SOAP

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM800-OAIM MRV-EM800-OAIM Datasheet
1Mb / 4P
LambdaDriver Optical Amplifi er Module (EM800-OAx/EM1600-OAx)
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
Isolation Amplifi er
logo
API Technologies Corp
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
Microwave Amplifi er
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
Microwave Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
RF Amplifi er
logo
MRV Communications, Inc...
EM800-MP2 MRV-EM800-MP2 Datasheet
239Kb / 2P
LambdaDriver짰??Optical Band Splitters Module
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
EM2009-VOA4 MRV-EM2009-VOA4 Datasheet
1Mb / 2P
LambdaDriver짰 - Variable Optical Attenuators (VOA) Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com