Electronic Components Datasheet Search
  English  ▼

X  

CPCI350DC Datasheet(PDF) 3 Page - C&D Technologies

Part # CPCI350DC
Description  Compact PCI SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

CPCI350DC Datasheet(HTML) 3 Page - C&D Technologies

  CPCI350DC Datasheet HTML 1Page - C&D Technologies CPCI350DC Datasheet HTML 2Page - C&D Technologies CPCI350DC Datasheet HTML 3Page - C&D Technologies CPCI350DC Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cPCI 350DC 9/2001 REV C
Page 3
MECHANICAL
SHOCK: MIL-STD-810d, Method 516.3, Procedure 1.
VIBRATION: MIL-STD-810d, Method 514.3,
Procedure 1.
DIMENSIONS: 6U x 8HP x 160mm
(see drawing on Pg. 4)
EMC & SAFETY
EMI: NEBS Compliant
Safety Agency Ratings
Input Voltage:
48 VDC
Input Current:
15A
Input Power:
540W
AGENCY APPROVALS
UL1950/CSA950, EN60950, CE Mark.
(Low Voltage Directive)
OUTPUT VOLTAGE/CURRENT RATINGS
NOTES: Outputs share common return.
*Combined current output of V1 and V2 not to exceed 50A.
IOUT
VOUT
RATED OUTPUT CURRENT
OUTPUT NUMBER
RATED OUTPUT VOLTAGE
MIN
MAX
V1
+5.0VDC
0 A
50A*
V2
+3.3VDC
0 A
40A*
V3
+12.0VDC
0 A
12A
V4
-12.0VDC
0 A
2A
COMMON OUTPUT SPECIFICATIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Adjustment
V1 and V2 only
±5
%
Temperature Coefficient
TC
0.02
%/°C
PARD
20MHz bandwidth
1% P-P
all outputs
or 50 mv P-P
whichever is greater
Output Power
50°C max temp.
350
W
TOTAL REGULATION
OUTPUT
LIMIT
V1 & V2
+4 / -2 %
V3 & V4
+4 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com