Electronic Components Datasheet Search
  English  ▼

X  

AT310XS Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # AT310XS
Description  T3/DS3/E3/STS-1 TRANSFORMERS EXTENDED TEMPERATURE RANGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

AT310XS Datasheet(HTML) 1 Page - MPS Industries, Inc.

  AT310XS Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product performance is limited to specified parameter. Data is subject to change without prior notice.
ELECTRICAL SPECIFICATION @ 25°C
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
T3/DS3/E3/STS-1TRANSFORMERS
EXTENDEDTEMPERATURERANGE
0443CW
Notes: 1) Add suffix “T” after the part number for tape and reel package.
2) Other version available with alternate pinout configurations. Contact MPS Engineering Team.
Dimensions: in/mm.
Tolerance: E.010/0.25 unless otherwise specified.
1
3
4
6
Schematics
1
2
3
4
6
A
B
Mechanical
AT310XS Series
The AT310XS series of transformers was developed to be
used for T3 or DS3 links as either receive and transmit
transformers.
These transformers carry bit rates of 44.736 Mbps and B3Zs
coding schemes on coax cable. It complies with the pulse
templates of CCITT G.703 as well as ATT T.A.34. Because of
its high bandwidth, these transformers are also suitable for
E3 interface at 34.368 Mbps with HDB3 coding and even
finding applications in the STS-1 at 51.84 Mbps.
The operating temperatures of these transformers meet
industrial standards of -40° C to +85° C.
Part Number
Turns Ratio
± 2%
OCL Primary
@ 25°C
(µH Min. )
OCL
Primary
@ -40°C
(µH Min. )
LL
(µH Max.)
CW
(pF Max.)
Bandwidth
75 Ohms
System
(Mhz Typ.)
Isolation
Voltage
(Vrms Min.)
Schematic Primary
Pins
AT3101S
1:1
100
40
0.110
10
0.200 ~ 340
1500
B
1-3
AT3102S
1:2CT
40
19
0.110
12
0.250 ~ 500
1500
A
4-6
AT3103S
1:1
100
40
0.110
10
0.200 ~ 340
1500
B
4-6
AT3104S
1:2CT
40
19
0.110
12
0.250 ~ 500
1500
A
4-6


Similar Part No. - AT310XS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT310 ETC2-AT310 Datasheet
221Kb / 1P
QUARTZ CRYSTAL RESONATOR
logo
Fronter Electronics Co....
AT310 FRONTER-AT310 Datasheet
169Kb / 2P
DIP Cylindrical Crystal MHz 3x10 mm
More results

Similar Description - AT310XS

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
XF05061-2B XFMRS-XF05061-2B Datasheet
52Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
logo
Bothhand USA, LP.
S3002 BOTHHAND-S3002 Datasheet
75Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
S3020 BOTHHAND-S3020 Datasheet
78Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2B XFMRS-XF04061-2B Datasheet
61Kb / 2P
T3 / DS3 / E3 / STS-1 TRANSFORMERS
logo
Pulse A Technitrol Comp...
T3001NL PULSE-T3001NL Datasheet
131Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS Extended Temperature Range
T3020NL PULSE-T3020NL Datasheet
516Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS
T3001 PULSE-T3001 Datasheet
131Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
T3/DS3/E3/STS-1 TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com