Electronic Components Datasheet Search
  English  ▼

X  

PP14D Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PP14D
Description  PLANAR TRANSFORMERS HIGH FREQUENCY 15 WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PP14D Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PP14D Datasheet HTML 1Page - MPS Industries, Inc. PP14D Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
PP14D SERIES
• Power Rating Up to 15 Watts
• HighEfficiency
• Footprint 14.60 mm X 16.58 mm
• LowerProfileof5.80mm
• High Isolation (operational) 1500 Vdc
• HighFrequency200KHz–3.0MHz
• Operating Temperature -40ºC to +125ºC
• Custom Design Available
ELECTRICAL PARAMETERS @25°C
Part Number
PP14D-
Primary
Inductance
(μH MIN)
Leakage
Inductance
(μH MAX)
DC Resistance
(mΩ MAX)
Turns Ratio
Isolation
(V
DC)
Figure
Primary
Secondary
Primary
Secondary
0601
30
0.50
46
1.80
6T
1T // 1T
1500
A
0602
30
0.50
46
3.60
6T
2T
1500
A
0603
30
0.50
46
20.0
6T
3T
1500
B
0606
30
0.45
46
40.0
6T
6T
1500
C
0608
30
0.45
46
55.0
6T
8T
1500
C
0610
30
0.45
46
100
6T
10T
1500
C
1201
120
1.00
150
1.80
12T
1T // 1T
1500
A
1202
120
1.00
150
3.60
12T
2T
1500
A
1203
120
1.00
150
20.0
12T
3T
1500
B
1206
120
0.95
150
40.0
12T
6T
1500
C
1208
120
0.95
150
55.0
12T
8T
1500
C
1210
120
0.95
150
100
12T
10T
1500
C
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
PLANARTRANSFORMERS
HIGH FREQUENCY 15 WATT
APPLICATION OF CONFIGURATION
APPLICATION OF CONFIGURATION
Part Number
PP14D-
V
in
V
out / Iout
Part Number
PP14D-
V
in
V
out / Iout
0601
18–36Vdc
1.2@12.5V -- 1.8V@8.33A
1201
36–75Vdc
1.2@12.5V -- 1.8V@8.33A
0602
18–36Vdc
2.5V@6.00A -- 3.3V@4.55A
1202
36–75Vdc
2.5V@6.00A -- 3.3V@4.55A
0603
18–36Vdc
5.0 V @ 3.00 A
1203
36–75Vdc
5.0 V @ 3.00 A
0606
18–36Vdc
8.0V@1.88A -- 10V@1.50A
1206
36–75Vdc
8.0V@1.88A -- 10V@1.50A
0608
18–36Vdc
12V@1.25A -- 15V@1.00A
1208
36–75Vdc
12V@1.25A -- 15V@1.00A
0610
18–36Vdc
16V@0.93A -- 18V@0.833A
1210
36–75Vdc
16V@0.93A -- 18V@0.833A
NOTES:
1.TheinductanceismeasuredbetweenPin(1--2)at100kHz,100mVrms
2.TheleakageinductanceismeasuredinprimarywindingPin(1--2)withsecondarywindingshorted.


Similar Part No. - PP14D

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PP1410AD NIKOSEM-PP1410AD Datasheet
245Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
REV 1.1
PP1410AEA NIKOSEM-PP1410AEA Datasheet
310Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
REV1.2
PP1410AF NIKOSEM-PP1410AF Datasheet
253Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
REV 1.1
PP1410AK NIKOSEM-PP1410AK Datasheet
305Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
REV 1.2
logo
List of Unclassifed Man...
PP14789 ETC-PP14789 Datasheet
52Kb / 1P
Silicon Coated Glass Braid Insulation sleeving. Class H (180°C) 4.0kV grade
More results

Similar Description - PP14D

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PP18D MPSIND-PP18D Datasheet
600Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 30 WATT
PP20A MPSIND-PP20A Datasheet
622Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 100 WATT
PP20B MPSIND-PP20B Datasheet
753Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 75 WATT
PP25F MPSIND-PP25F Datasheet
637Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 140 WATT
logo
Pulse A Technitrol Comp...
PA0931NL PULSE-PA0931NL Datasheet
116Kb / 4P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801 PULSE-PA0801 Datasheet
261Kb / 3P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801NLT PULSE-PA0801NLT Datasheet
261Kb / 3P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0491NLT PULSE-PA0491NLT Datasheet
125Kb / 2P
HIGH FREQUENCY PLANAR TRANSFORMERS
logo
MPS Industries, Inc.
PP25D MPSIND-PP25D Datasheet
720Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 150 WATT
logo
Pulse A Technitrol Comp...
PA09XXNL PULSE-PA09XXNL Datasheet
631Kb / 4P
High Frequency Planar Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com