Electronic Components Datasheet Search
  English  ▼

X  

PSF74 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PSF74
Description  MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PSF74 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PSF74 Datasheet HTML 1Page - MPS Industries, Inc. PSF74 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
PSF74 SERIES
• Magnetic shielding using magnetic epoxy resin results in lower
costs as compared to traditional ferrite shielded inductors
• Size: 7.5mm length x 7.0mm width x 4.5mm height
• Operating Temperature -40ºC to +120ºC
• RoHS Compliant Product
• Custom Design Available
ELECTRICAL PARAMETERS @ 25°C
Part Number
PSF74-
INDUCTANCE
(μH)
±20%
Isat
(Adc)
MAX
DCR
(Ω)
MAX
100M
10
1.84
0.049
150M
15
1.47
0.081
220M
22
1.23
0.11
330M
33
0.96
0.17
390M
39
0.91
0.23
470M
47
0.88
0.26
560M
56
0.75
0.35
680M
68
0.69
0.38
101M
100
0.60
0.61
151M
150
0.46
0.88
181M
180
0.42
0.98
221M
220
0.36
1.17
271M
270
0.34
1.64
331M
330
0.32
1.86
391M
390
0.29
2.85
471M
470
0.26
3.01
102M
1000
0.18
6.00
502M
5200
0.14
20.0
Note:
1.
Inductance measured at 100KHz, 0.1Vrms
2.
Isat: ∆L drops 25% max from its initial value
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
MAGNETIC EPOXY SHIELDED
SMT POWER INDUCTOR


Similar Part No. - PSF74

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
PSF75 ARCH-PSF75 Datasheet
283Kb / 2P
LED Power
PSF75-24S ARCH-PSF75-24S Datasheet
283Kb / 2P
LED Power
PSF75-24S ARCH-PSF75-24S Datasheet
277Kb / 2P
Fully Isolated Plastic Case with IP67 Level
PSF75-36S ARCH-PSF75-36S Datasheet
283Kb / 2P
LED Power
PSF75-36S ARCH-PSF75-36S Datasheet
277Kb / 2P
Fully Isolated Plastic Case with IP67 Level
More results

Similar Description - PSF74

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PSF109 MPSIND-PSF109 Datasheet
474Kb / 2P
MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF8040 MPSIND-PSF8040 Datasheet
468Kb / 1P
MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
logo
XFMRS Inc.
XFTPRH3D16-3R3M XFMRS-XFTPRH3D16-3R3M Datasheet
61Kb / 1P
Shielded SMT Inductor
XFTPRH3D16-221M XFMRS-XFTPRH3D16-221M Datasheet
34Kb / 1P
SMT SHIELDED INDUCTOR
XFTPRH3D16-331M XFMRS-XFTPRH3D16-331M Datasheet
35Kb / 1P
SMT SHIELDED INDUCTOR
XFTPRH3D23-1R0M XFMRS-XFTPRH3D23-1R0M Datasheet
46Kb / 1P
SMT SHIELDED INDUCTOR
XFTPRH3D23-4R7M XFMRS-XFTPRH3D23-4R7M Datasheet
137Kb / 2P
SMT SHIELDED INDUCTOR
XFTPRH3412-221N XFMRS-XFTPRH3412-221N Datasheet
36Kb / 1P
SMT SHIELDED INDUCTOR
XFTPRH3812-100 XFMRS-XFTPRH3812-100 Datasheet
37Kb / 1P
SMT SHIELDED INDUCTOR
XF5040-470M XFMRS-XF5040-470M Datasheet
47Kb / 1P
MAGNETIC EPOXY SHIELDED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com