Electronic Components Datasheet Search
  English  ▼

X  

PSF109 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PSF109
Description  MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PSF109 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PSF109 Datasheet HTML 1Page - MPS Industries, Inc. PSF109 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
PSF109 SERIES
• Magnetic shielding using magnetic epoxy resin results in lower
costs as compared to traditional ferrite shielded inductors
• Size: 10.5mm length x 10.3mm width x 10.0mm height
• Operating Temperature -40ºC to +120ºC
• RoHS Compliant Product
• Custom Design Available
ELECTRICAL PARAMETERS @ 25°C
Part Number
PSF109-
INDUCTANCE
(μH)
±20%
Isat
(Adc)
MAX
DCR
(Ω)
MAX
101M
100
1.54
0.19
121M
120
1.14
0.20
151M
150
1.02
0.22
181M
180
0.94
0.25
221M
220
0.86
0.27
271M
270
0.78
0.39
331M
330
0.72
0.49
391M
390
0.66
0.54
471M
470
0.58
0.68
561M
560
0.52
0.86
681M
680
0.47
1.00
821M
820
0.45
1.10
102M
1000
0.40
1.43
122M
1200
0.37
1.60
152M
1500
0.34
2.10
182M
1800
0.30
2.30
222M
2200
0.20
2.40
Note:
1.
Inductance measured at 100KHz, 1Vrms
2.
Isat: ∆L drops 30% max from its initial value
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
MAGNETIC EPOXY SHIELDED
SMT POWER INDUCTOR


Similar Part No. - PSF109

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PSF109S-3-8 MULTICOMP-PSF109S-3-8 Datasheet
279Kb / 2P
Pressure Switches Vacuum - High Current
03/06/24 V1.1
PSF109S-3-8 MULTICOMP-PSF109S-3-8 Datasheet
262Kb / 2P
Pressure Switches Vacuum - High Current
V1.0 29/01/21
PSF109S-3-8 MULTICOMP-PSF109S-3-8_V01 Datasheet
262Kb / 2P
Pressure Switches Vacuum - High Current
V1.0 29/01/21
PSF109S-81-330 MULTICOMP-PSF109S-81-330 Datasheet
279Kb / 2P
Pressure Switches Vacuum - High Current
03/06/24 V1.1
PSF109S-81-330 MULTICOMP-PSF109S-81-330 Datasheet
262Kb / 2P
Pressure Switches Vacuum - High Current
V1.0 29/01/21
More results

Similar Description - PSF109

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PSF74 MPSIND-PSF74 Datasheet
498Kb / 2P
MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF8040 MPSIND-PSF8040 Datasheet
468Kb / 1P
MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
logo
XFMRS Inc.
XFTPRH3D16-3R3M XFMRS-XFTPRH3D16-3R3M Datasheet
61Kb / 1P
Shielded SMT Inductor
XFTPRH3D16-221M XFMRS-XFTPRH3D16-221M Datasheet
34Kb / 1P
SMT SHIELDED INDUCTOR
XFTPRH3D16-331M XFMRS-XFTPRH3D16-331M Datasheet
35Kb / 1P
SMT SHIELDED INDUCTOR
XFTPRH3D23-1R0M XFMRS-XFTPRH3D23-1R0M Datasheet
46Kb / 1P
SMT SHIELDED INDUCTOR
XFTPRH3D23-4R7M XFMRS-XFTPRH3D23-4R7M Datasheet
137Kb / 2P
SMT SHIELDED INDUCTOR
XFTPRH3412-221N XFMRS-XFTPRH3412-221N Datasheet
36Kb / 1P
SMT SHIELDED INDUCTOR
XFTPRH3812-100 XFMRS-XFTPRH3812-100 Datasheet
37Kb / 1P
SMT SHIELDED INDUCTOR
XF5040-470M XFMRS-XF5040-470M Datasheet
47Kb / 1P
MAGNETIC EPOXY SHIELDED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com