Electronic Components Datasheet Search
  English  ▼

X  

R12704 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # R12704
Description  PULSE TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

R12704 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  R12704 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MECHANICAL
SCHEMATIC
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
PULSE TRANSFORMER
R12704 SERIES
Industries
ELECTRICAL SPECIFICATION @ 25OC
PART NO.
Primary
Inductance
µH Min
Testing
Freq
KHz 0.1V
RMS
Primary
Pins
Leakage
Inductance
µH Max
Interwinding
Capacitance
pF Max
Turns Ratio
Pri: Sec
±5%
DCR
Ω Max
PRI
DCR
Ω Max
SEC
Hipot
V
RMS
Min
SCHEMATIC
12704-1
40
100
1-5
0.1
5
1:1
0.2
0.2
3000
A
12704-2
1200
10
1-5
0.8
25
1CT:1
0.7
0.7
1500
B
12704-3
1200
10
1-5
0.55
25
1CT:2CT
0.7
1.2
1500
C
12704-4
1200
10
1-5
0.8
35
1:1.4CT
0.7
0.8
1500
D
12704-5
1200
10
1-5
0.8
35
1 : 1.36CT
0.7
0.9
1500
D
12704-6
1200
10
1-5
0.5
35
1 : 2.3CT
0.7
1.7
1500
D
12704-7
1200
10
2-6
0.5
35
1 : 2CT
0.7
1.2
1500
B
12704-8
5000
10
1-2
1.3
70
1:1:1
3.9
3.9
500
E
12704-9
2060
10
1-5
0.6
35
1:1
1.5
1.5
500
A
12704-10
2500
10
1-5
1.3
70
1:1
3.9
3.9
2000
A
12704-11
19
100
1-5
0.6
0.06
1:2CT
0.15
0.3
3000
D
Product performance is limited to specified parameters.
Data is subject to change without prior notice.
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
• RoHS Compliant Product
• L
L, CWW are measured @ 100KHz, 20mV
• Operating Temp : 0°C to 70°C


Similar Part No. - R12704

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R12702 MPSIND-R12702 Datasheet
250Kb / 1P
PULSE TRANSFORMER
R12702101 MPSIND-R12702101 Datasheet
250Kb / 1P
PULSE TRANSFORMER
R12702151 MPSIND-R12702151 Datasheet
250Kb / 1P
PULSE TRANSFORMER
R12702750 MPSIND-R12702750 Datasheet
250Kb / 1P
PULSE TRANSFORMER
R12703 MPSIND-R12703 Datasheet
258Kb / 1P
PULSE TRANSFORMER
More results

Similar Description - R12704

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G517 ETC-G517 Datasheet
99Kb / 1P
PULSE TRANSFORMER
G513 ETC1-G513 Datasheet
82Kb / 1P
PULSE TRANSFORMER
logo
Rhombus Industries Inc.
T-821 RHOMBUS-IND-T-821 Datasheet
34Kb / 1P
Pulse Transformer
11/16/96
T-942 RHOMBUS-IND-T-942 Datasheet
25Kb / 1P
Pulse Transformer
7/29/96
logo
PCA ELECTRONICS INC.
EP14002X PCA-EP14002X Datasheet
17Kb / 1P
Pulse Transformer
EP16293X PCA-EP16293X Datasheet
15Kb / 1P
Pulse Transformer
logo
Bothhand USA, LP.
S6025L BOTHHAND-S6025L Datasheet
269Kb / 1P
PULSE TRANSFORMER
logo
SCHOTT CORPORATION
67128990 SCHOTT-67128990 Datasheet
14Kb / 1P
PULSE TRANSFORMER
logo
MPS Industries, Inc.
R12703 MPSIND-R12703 Datasheet
258Kb / 1P
PULSE TRANSFORMER
logo
PCA ELECTRONICS INC.
EP18272GH PCA-EP18272GH_15 Datasheet
16Kb / 1P
Pulse Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com