Electronic Components Datasheet Search
  English  ▼

X  

HB01U Datasheet(PDF) 3 Page - C&D Technologies

Part # HB01U
Description  1 WATT UNREGULATED DC/DC CONVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HB01U Datasheet(HTML) 3 Page - C&D Technologies

  HB01U Datasheet HTML 1Page - C&D Technologies HB01U Datasheet HTML 2Page - C&D Technologies HB01U Datasheet HTML 3Page - C&D Technologies HB01U Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HB01U 11/98 REV B
Page 3
MECHANICAL
Package/Pinout "Y" and "Z"
0.100±0.010"
(2.54±0.25)
0.020±0.002"
(0.51±0.05)
0.015±0.005"
(0.38±0.13)
0.375±0.005"
(9.52±0.13)
1.285±0.010"
(32.64±0.25)
24 23 22
15 14 13
12
11
10
3
2
1
0.014±0.002"
(0.36±0.05)
.015±.010"
(.38±.25)
0.525±0.010"
(13.34±0.25)
0.695±0.015"
(17.65±0.38)
0°-
15°
0.125+0.030"
-0.000"
(3.18+0.76)
(
-0.00)
0.600"
(15.24)
0.100±0.010"
(2.54±0.25)
0.020±0.002"
(0.51±0.05)
0.015±0.005"
(0.38±0.13)
0.375±0.005"
(9.52±0.13)
1.285±0.010"
(32.64±0.25)
24 23 22
15 14 13
12
11
10
3
2
1
0.525±0.010"
(13.34±0.25)
SIDE VIEWS
TOP VIEWS
END VIEWS
SMD PACKAGE
DIP PACKAGE
HB01UxxyzzY
HB01UxxyzzZ
NU = Do Not Use.
NC = No Internal Connection.
Duplicate pin functions are internally connected.
All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
Typically Marked with: specific model ordered, date code, job code and Logo.
PIN CONNECTIONS
PIN#
SINGLES
DUALS
1+VOUT
+VOUT
2-VOUT
Common
3NU
-VOUT
10
-VIN
-VIN
11
NC
NC
12
+VIN
+VIN
13
+VIN
+VIN
14
NC
NC
15
-VIN
-VIN
21
NC
NC
22
NU
-VOUT
23
-VOUT
Common
24
+VOUT
+VOUT
RECOMMENDED LAND PATTERN
24 23 22
15 14 13
12
11
10
3
2
1
0.730"
(18.54)
1.150"
(29.21)
0.100"
(2.54)
0.080"
(2.03)
0.040"
(1.02)
50
100
150
200
250
TIME (seconds)
235 °C MAX
220
190
30 sec MAX
(>220°C)
90 sec MAX
(>190°C)
RECOMMENDED REFLOW PROFILE
MATERIAL: Units are encapsulated in a low thermal resistance molding
compound which has excellent chemical resistance, wide operating
temperature range, and good electrical properties under high humidity
environments. The encapsulant and outer shell of the unit have UL94V-0
ratings. Lead material is brass with a solder plated surface to allow ease of
solderability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com