Electronic Components Datasheet Search
  English  ▼

X  

HB04U Datasheet(PDF) 3 Page - C&D Technologies

Part # HB04U
Description  4.0 WATT UNREGULATED HIGH ISOLATION DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HB04U Datasheet(HTML) 3 Page - C&D Technologies

  HB04U Datasheet HTML 1Page - C&D Technologies HB04U Datasheet HTML 2Page - C&D Technologies HB04U Datasheet HTML 3Page - C&D Technologies HB04U Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
HB04U REV C 11/99
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any
of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES product for use in life support devices/systems
or in aircraft control applications.
VOUT VS LOAD
(5Vout Models)
VOUT VS LOAD
(±5Vout Models)
VOUT VS LOAD
(12Vout Models)
VOUT VS LOAD
(±12Vout Models)
VOUT VS LOAD
(15Vout Models)
VOUT VS LOAD
(±15Vout Models)
EFFICIENCY VS LOAD
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
100
80
60
40
20
0
22.5
21.0
19.5
18.0
16.5
15.0
22.5
21.0
19.5
18.0
16.5
15.0
16
15
14
13
12
11
16
15
14
13
12
11
7.5
7.0
6.5
6.0
5.5
5.0
7.5
7.0
6.5
6.0
5.5
5.0
TYPICAL PERFORMANCE CURVES
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation.....................................................................1W
Short Circuit Duration................................................................Momentary
Lead Temperature (soldering, 10 seconds max)..............................+300°C
ORDERING INFORMATION
Device Family
HB04U Indicates DC/DC Converter
Model Number
Where:
xx = Input Voltage
y = Number or Outputs (Single "S", Dual "D")
zz = Output Voltage
Package Option
HB04U xxyzz Q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com