Electronic Components Datasheet Search
  English  ▼

X  

SD01XXXR Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # SD01XXXR
Description  SD01XXXR SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SD01XXXR Datasheet(HTML) 2 Page - MPS Industries, Inc.

  SD01XXXR Datasheet HTML 1Page - MPS Industries, Inc. SD01XXXR Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD01XXXR SERIES
Min.
Max. Units
Parameter
Min.
Typ.
Max.
Units
---
260
°C
Isolation
Voltage
1000
---
---
VDC
Isolation
Resistance
10
---
---
GΩ
Isolation
Capacitance
---
---
---
pF
Switching
Frequency
50
---
---
kHz
Parameter
Conditions
Min.
Max. Units
Parameter
Min.
Typ.
Max.
Units
Operating
Temperature
Ambient
-40
85
°C
Line Regulation
---
---
0.5
%
Operating
Temperature
Case
-25
90
°C
Load Regulation
---
---
0.8
%
Storage
Temperature
-50
130
°C
Ripple & Noise
---
---
100
mV P-P
Humidity
---
95
%
Ripple & Noise
---
---
150
mV P-P
Cooling
2463 208th Street, Ste. 205
http://www.mpsind.com
Torrance, CA 90501
E-mail: sales@mpsind.com
1. Specifications typical at Ta=+25°C, resistive load, nominal input
voltage, rated output current unless otherwise noted.
2. These power converters require a minimum output load to maintain
specified regulation.
3. Operation under no-load conditions will not damage these modules;
however, they may not meet all specifications listed.
4. All DC/DC converters should be externally fused at the front end for
protection.
5. Other input and output voltage may be available, please contact
factory.
6. All specifications subject to change without notice.
7. For detailed data sheet, please visit our website.
---
100kHz, 1V
MTBF
1
MIL-HDBK-217F
@25°C
Ground Benign
Io = 20% to 100%
20MHz BW
(12-15V)
Notes:
1W, Wide Input Range SIP, Single Output DC/DC Converters
Absolute Maximum Ratings
Parameter
Conditions
60 Seconds
500VDC
General Characteristics
Lead Temperature
(1.5mm from case for 10sec.)
Exceeding the unit absolute maximum ratings could cause damage.
These are not continuous operating ratings.
Tel: (310) 533-1455
Fax: (310) 533-1853
---
MHrs
Environmental Characteristics
Free-Air Convection
Output Characteristics
20MHz BW
(5-9V)
Conditions
For Vin Change of
1%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com