Electronic Components Datasheet Search
  English  ▼

X  

SN74LS490N Datasheet(PDF) 3 Page - Motorola, Inc

Part # SN74LS490N
Description  DUAL DECADE COUNTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS490N Datasheet(HTML) 3 Page - Motorola, Inc

  SN74LS490N Datasheet HTML 1Page - Motorola, Inc SN74LS490N Datasheet HTML 2Page - Motorola, Inc SN74LS490N Datasheet HTML 3Page - Motorola, Inc SN74LS490N Datasheet HTML 4Page - Motorola, Inc SN74LS490N Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5-565
FAST AND LS TTL DATA
SN54/74LS490
AC CHARACTERISTICS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
fMAX
Maximum Clock Frequency
25
35
MHz
Figure 1
VCC = 5.0 V,
CL = 15 pF
tPLH
tPHL
Propagation Delay, CP to Q0
12
13
20
20
ns
Figure 1
VCC = 5.0 V,
CL = 15 pF
tPLH
tPHL
Propagation Delay, CP to Q1 or Q3
24
26
39
39
ns
Figure 3
VCC = 5.0 V,
CL = 15 pF
tPLH
tPHL
Propagation Delay, CP to Q2
32
36
54
54
ns
Figure 2
VCC = 5.0 V,
CL = 15 pF
tPHL
Propagation Delay, MR to Output
24
39
ns
Figure 2
tPLH
tPHL
Propagation Delay, MS to Output
24
20
39
36
ns
Figure 2
trec
trec
AC WAVEFORMS
Figure 1
Figure 2
Figure 3
*The number of Clock Pulses required between the tPHL and tPLH measurements can be determined from the Truth Table.
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
*CP
Q
MR & MS
CP
Q
MS
CP
QO, Q3
tPLH
tPHL
tPLH
tPHL
tW
tW
tW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com