Electronic Components Datasheet Search
  English  ▼

X  

SPU50A Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # SPU50A
Description  SPU50A SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SPU50A Datasheet(HTML) 1 Page - MPS Industries, Inc.

  SPU50A Datasheet HTML 1Page - MPS Industries, Inc. SPU50A Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sym.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vin
Input Voltage
Operating Voltage
90
264
VAC
Fin
Input Frequency
47
63
Hz
Wo
Output Power Range
Vin=90 to 264VAC
0
50
W
Vo
Output Voltage Range
See rating chart
V
Io
Output Current Range
See rating chart
A
Iil
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.6
A
Iih
Input Current (High Line)
Io=Full load, Vin=230VAC
1.0
A
Irl
Low Line Inrush Current
Io=Full load, 25
°c, Cool start,
Vin=115VAC
12
15
A
Irh
High Line Inrush Current
Io=Full load, 25
°c, Cool start,
Vin=230VAC
26
30
A
Eff
Efficiency
Io=Full Load, Vin=230VAC
75
83
88
%
REG-i
Line Regulation
Io=Full Load
0.5
1
%
REG-o
Load Regulation
Vin=230VAC
3
5
%
OVP
Over Voltage Protection
112
132
%
OCP
Over Current Protection
110
150
%
Ttr
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Thold
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Ts
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Vrn
Ripple & Noise (Pe ak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Ilk
Safety Ground Leakage Curr ent
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Tc
Temperature Coefficient
All output
-0.04
0.04
%/
°c
SPU50A SERIES
50W Desk Top Switching Power Supplies For I.T.E.
The SPU50A series of AC/DC switching mode power
supplies provide 50 Watts of continuous output power. All
supplies are UL 94V-1 min compliant, include IEC-320-C14
input for worldwide applications. All models meet FCC Part-15
class B and CISPR-22 class B emission Limits and are
designed to comply with UL/c-UL(UL 1950), TUV/GS(EN 60950)
and new CE requirements. All units are 100% burned in and
tested.
Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
IEC-320-C14 Input Inlet
Output Voltage Available From 5VDC Thru 50VDC
Optional Output Connector (See appendix)
Input Surge Current, Over Voltage And Over Load protection
Single Output
Splash proof
Class I Insulation
Two Years Warranty
Safety Approvals :
Electrical Characteristics:
CB
Environmental :
Description:
Features:
Product Safety
Hr
Relative Humidity
5
95
%
Toper
Operating Temperature
Tstg
Storage Temperature
Pd
0
70
85
-40
Sym.
Parameter
Min. Typ. Max.
Unit
Derate linearly from 100% load at 40 C to 50% load at 70 C
Te s t Conditions
C
C


Similar Part No. - SPU50A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU50A-1 ASTRODYNE-SPU50A-1 Datasheet
1Mb / 3P
40-60 Watt Desktop Switching Power Adapters
SPU50A-1-1 ASTRODYNE-SPU50A-1-1 Datasheet
1Mb / 3P
40-60 Watt Desktop Switching Power Adapters
SPU50A-3 ASTRODYNE-SPU50A-3 Datasheet
1Mb / 3P
40-60 Watt Desktop Switching Power Adapters
SPU50A-4 ASTRODYNE-SPU50A-4 Datasheet
1Mb / 3P
40-60 Watt Desktop Switching Power Adapters
SPU50A-5 ASTRODYNE-SPU50A-5 Datasheet
1Mb / 3P
40-60 Watt Desktop Switching Power Adapters
More results

Similar Description - SPU50A

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com