Electronic Components Datasheet Search
  English  ▼

X  

SPU50A2 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # SPU50A2
Description  SPU50A SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SPU50A2 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  SPU50A2 Datasheet HTML 1Page - MPS Industries, Inc. SPU50A2 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPU50A SERIES
50W Desk Top Switching Power Supplies For I.T.E.
Safety Specifications:
Model Number
Output Voltage
Output Current
Total Regulation
Maximum
Output Power
SPU50A-1
05 ~ 06 VDC
8.00 ~ 6.60 A
5%
40W
SPU50A-1-1
06 ~ 09 VDC
7.50 ~ 5.00 A
5%
45W
SPU50A-2
09 ~ 11 VDC
5.38 ~ 4.40 A
5%
48.5W
SPU50A-3
11 ~ 13 VDC
4.54 ~ 3.85 A
5%
50W
SPU50A-4
13 ~ 16 VDC
3.85 ~ 3.13 A
5%
50W
SPU50A-5
16 ~ 21 VDC
3.13 ~ 2.38 A
5%
50W
SPU50A-6
21 ~ 27 VDC
2.38 ~ 1.85 A
5%
50W
SPU50A-7
27 ~ 33 VDC
1.85 ~ 1.51 A
5%
50W
SPU50A-8
33 ~ 40 VDC
1.51 ~ 1.25 A
5%
50W
SPU50A-9
40 ~ 50 VDC
1.25 ~ 1.00 A
5%
50W
Mechanical Specifications :
Output Voltage And Current Rating Chart ( Single Output ) :
Parameter
Te s t Conditions
Min. Typ. Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
4242
VDC
Primary to ground
2121
Test Voltage=500VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Vpg
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-22
Vin=110VAC
VDC
B
CLASS
Dielectric Withstanding Voltage
for Primary to Ground
EMI requirements for FCC PART-15
Note:
1. Dimensions are shown in
mm.
2. Weight: 520gs approx.
3. Optional output connector:
See page Appendix.
inches or
Mark "
" means " PSE approval "
Model SPU50A-4 has PSE approval which is below 15V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com