Electronic Components Datasheet Search
  English  ▼

X  

LP2981-N Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP2981-N
Description  LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981-N Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2981-N Datasheet HTML 9Page - Texas Instruments LP2981-N Datasheet HTML 10Page - Texas Instruments LP2981-N Datasheet HTML 11Page - Texas Instruments LP2981-N Datasheet HTML 12Page - Texas Instruments LP2981-N Datasheet HTML 13Page - Texas Instruments LP2981-N Datasheet HTML 14Page - Texas Instruments LP2981-N Datasheet HTML 15Page - Texas Instruments LP2981-N Datasheet HTML 16Page - Texas Instruments LP2981-N Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
VIN
VOUT
PNP
GND
SCHOTTKY DIODE
LP2981-N
VIN
VOUT
PNP
GND
LP2981-N
LP2981-N
www.ti.com
SNOS773K – MARCH 2000 – REVISED APRIL 2013
Figure 37. 3V/10
μF ESR Curves
REVERSE CURRENT PATH
The internal PNP power transistor used as the pass element in the LP2981-N has an inherent diode connected
between the regulator output and input. During normal operation (where the input voltage is higher than the
output) this diode is reverse biased (See Figure 38).
Figure 38. LP2981-N Reverse Current Path
However, if the input voltage is more than a VBE below the output voltage, this diode will turn ON and current will
flow into the regulator output. In such cases, a parasitic SCR can latch which will allow a high current to flow into
the VIN pin and out the ground pin, which can damage the part.
The internal diode can also be turned on if the input voltage is abruptly stepped down to a voltage which is a VBE
below the output voltage.
In any application where the output voltage may be higher than the input voltage, an external Schottky diode
must be connected from VIN to VOUT (cathode on VIN, anode on VOUT. See Figure 39), to limit the reverse voltage
across the LP2981-N to 0.3V (see Absolute Maximum Ratings)
Figure 39. Adding External Schottky Diode Protection
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP2981-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com