Electronic Components Datasheet Search
  English  ▼

X  

LP8900 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP8900
Description  LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900 Datasheet(HTML) 3 Page - Texas Instruments

  LP8900 Datasheet HTML 1Page - Texas Instruments LP8900 Datasheet HTML 2Page - Texas Instruments LP8900 Datasheet HTML 3Page - Texas Instruments LP8900 Datasheet HTML 4Page - Texas Instruments LP8900 Datasheet HTML 5Page - Texas Instruments LP8900 Datasheet HTML 6Page - Texas Instruments LP8900 Datasheet HTML 7Page - Texas Instruments LP8900 Datasheet HTML 8Page - Texas Instruments LP8900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LP8900
www.ti.com
SNVS542C – MAY 2008 – REVISED JULY 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
VIN, VOUT Pins: Voltage to GND
-0.3 to 6.5V
VEN : Voltage to GND
-0.3 to (VIN + 0.3V) to 6.5V (max)
Junction Temperature
150°C
Lead/Pad Temp. (4)
DSBGA
260°C
Storage Temperature
-65 to 150°C
Continuous Power Dissipation (5)
Internally Limited
ESD (6)
Human Body Model
2KV
Machine Model
200V
(1)
All Voltages are with respect to the potential at the GND pin.
(2)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits and associated test
conditions, see the Electrical Characteristics tables.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
For further information on these packages please refer to the following application notes, AN-1112 (SNVA009) DSBGA Wafer Level
Chip Scale Package.
(5)
Internal thermal shutdown circuitry protects the device from permanent damage.
(6)
The human body model is 100 pF discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200pF capacitor
discharged directly into each pin.
OPERATING RATINGS
(1)
Input Voltage Range
1.8 to 5.5V
Recommended Load Current per channel
200mA
Junction Temperature
–40°C to 125°C
Ambient Temperature TA Range
(2)
–40°C to 85°C
(1)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
The maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op) = 125°C), the
maximum power dissipation of the device in the application (PD(max)), and the junction to ambient thermal resistance of the part /
package in the application (
θJA), as given by the following equation: TA(max) = TJ(max-op) - (θJA × PD(max)).
THERMAL PROPERTIES
(1)
Junction To Ambient Thermal Resistance(2)
θJA JEDEC Board
(3)
108°C/W
θJA 4 Layer Board
172°C/W
(1)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
Junction to ambient thermal resistance is dependant on the application and board layout. In applications where high maximum power
dissipation is possible, special care must be paid to thermal dissipation issues in board design.
(3)
Full details can be found in JESD61-7
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP8900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com