Electronic Components Datasheet Search
  English  ▼

X  

SRDC217R Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # SRDC217R
Description  SRDC200R SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SRDC217R Datasheet(HTML) 2 Page - MPS Industries, Inc.

  SRDC217R Datasheet HTML 1Page - MPS Industries, Inc. SRDC217R Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SRDC200R SERIES
Min.
Max. Units
Parameter
Min.
Typ.
Max.
Units
5VDC Input Models
-0.7
7.5
VDC
Isolation
Voltage
500
---
---
VDC
12VDC Input Models
-0.7
15
VDC
Isolation
Resistance
1000
---
---
MΩ
24VDC Input Models
-0.7
30
VDC
Isolation
Capacitance
---
100
150
pF
48VDC Input Models
-0.7
55
VDC
Switching
Frequency
40
80
---
kHz
---
260
°C
---
3000
mW
Parameter
Conditions
Min.
Max. Units
Parameter
Min.
Typ.
Max.
Units
Operating
Temperature
Ambient
-25
71
°C
Line Regulation
---
±0.2
±0.5
%
Operating
Temperature
Case
-25
90
°C
Load Regulation
---
±0.2
±0.5
%
Storage
Temperature
-40
125
°C
Ripple & Noise
---
40
50
mV P-P
Humidity
---
95
%
Short Circuit
Cooling
Units
uF
2463 208th Street, Ste. 205
http://www.mpsind.com
Torrance, CA 90501
E-mail: sales@mpsind.com
Tel: (310) 533-1455
Fax: (310) 533-1853
Derating Curve (Other Outputs)
Models by Output Voltage
(Each Output on Duals)
Notes:
1. Specifications typical at Ta=+25°C, resistive load, nominal input
voltage, rated output current unless otherwise noted.
2. Transient recovery time is measured to within 1% error band for a
load step change of 50% to 100%.
3. All DC/DC converters should be externally fused at the front end
for protection.
4. Other input and output voltage may be available, please contact
factory.
5. All specifications subject to change without notice.
6. For detailed data sheet, please contact us directly.
Singles
---
MHrs
Environmental Characteristics
Free-Air Convection
Output Characteristics
Continuous
20MHz BW
Exceeding the unit absolute maximum ratings could cause damage.
These are not continuous operating ratings.
---
General Characteristics
Lead Temperature
(1.5mm from case for 10sec.)
2W, Low Cost DIP, Single & Dual Output DC/DC Converters
Absolute Maximum Ratings
Parameter
Conditions
100kHz, 1V
60 Seconds
MIL-HDBK-217F
@25°C
Ground Benign
Conditions
Vin = Min. to Max.
Io = 10% to 100%
Internal Power Dissipation
Input Surge Voltage
(1000mS)
Duals
470
220
Derating Curve (5V Output)
500VDC
MTBF
0.8
Maximum Capacitive Load
¡ã
]
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
¡ã
]
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com