Electronic Components Datasheet Search
  English  ▼

X  

AD7680 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7680
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7680 Datasheet HTML 13Page - Analog Devices AD7680 Datasheet HTML 14Page - Analog Devices AD7680 Datasheet HTML 15Page - Analog Devices AD7680 Datasheet HTML 16Page - Analog Devices AD7680 Datasheet HTML 17Page - Analog Devices AD7680 Datasheet HTML 18Page - Analog Devices AD7680 Datasheet HTML 19Page - Analog Devices AD7680 Datasheet HTML 20Page - Analog Devices AD7680 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AD7903
Data Sheet
Rev. A | Page 16 of 28
DRIVER AMPLIFIER CHOICE
Although the AD7903 is easy to drive, the driver amplifier must
meet the following requirements:
•
The noise generated by the driver amplifier must be kept
as low as possible to preserve the SNR and transition noise
performance of the AD7903. The noise from the driver is
filtered by the one-pole, low-pass filter of the AD7903
analog input circuit, made by RIN and CIN or by the
external filter, if one is used. Because the typical noise of
the AD7903 is 40 µV rms, the SNR degradation due to the
amplifier is
+
=
−
2
2
)
(
2
π
40
40
log
20
N
3dB
LOSS
Ne
f
SNR
where:
f−3dB is the input bandwidth, in megahertz, of the AD7903
(10 MHz) or the cutoff frequency of the input filter, if one
is used.
N is the noise gain of the amplifier (for example, gain = 1
in buffer configuration; see Figure 35).
eN is the equivalent input noise voltage of the op amp, in
nV/√Hz.
•
For ac applications, the driver must have a THD performance
that is commensurate with the AD7903.
•
For multichannel, multiplexed applications, the driver
amplifier and the AD7903 analog input circuit must settle
for a full-scale step onto the capacitor array at a 16-bit level
(0.0015%, 15 ppm). In the amplifier data sheet, settling at
0.1% to 0.01% is more commonly specified. This may differ
significantly from the settling time at a 16-bit level. Be sure
to verify the settling time prior to driver selection.
Table 8. Recommended Driver Amplifiers
Amplifier
Typical Application
ADA4941-1
Very low noise, low power, single to differential
ADA4841-x
Very low noise, small, and low power
AD8021
Very low noise and high frequency
AD8022
Low noise and high frequency
OP184
Low power, low noise, and low frequency
AD8655
5 V single supply, low noise
AD8605, AD8615
5 V single supply, low power
SINGLE-TO-DIFFERENTIAL DRIVER
For applications using a single-ended analog signal, either bipolar
or unipolar, the ADA4941-1 single-ended-to-differential driver
allows a differential input to the device. The schematic is shown
in Figure 36.
R1 and R2 set the attenuation ratio between the input range and
the ADC range (VREF). R1, R2, and CF are chosen depending on
the desired input resistance, signal bandwidth, antialiasing, and
noise contribution. For example, for the ±10 V range with a 4 kΩ
impedance, R1 = 4 kΩ and R2 = 1 kΩ.
R3 and R4 set the common mode on the INx− input, and R5 and
R6 set the common mode on the INx+ input of the ADC. The
common mode must be close to VREF/2. For example, for the
±10 V range with a single supply, R3 = 8.45 kΩ, R4 = 11.8 kΩ,
R5 = 10.5 kΩ, and R6 = 9.76 kΩ.
Figure 36. Single-Ended-to-Differential Driver Circuit
20Ω
20Ω
10µF
R1
100nF
+2.5V
+5V REF
+5.2V
–0.2V
CF
R2
R4
R6
±10V,
±5V, ..
R3
R5
REFx
VDDx
GND
INx+
INx–
AD7903
ADCx
2.7nF
2.7nF
ADA4941-1
IN
FB
OUTP
OUTN
REF
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com