Electronic Components Datasheet Search
  English  ▼

X  

AD7684 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7684
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7684 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7684 Datasheet HTML 7Page - Analog Devices AD7684 Datasheet HTML 8Page - Analog Devices AD7684 Datasheet HTML 9Page - Analog Devices AD7684 Datasheet HTML 10Page - Analog Devices AD7684 Datasheet HTML 11Page - Analog Devices AD7684 Datasheet HTML 12Page - Analog Devices AD7684 Datasheet HTML 13Page - Analog Devices AD7684 Datasheet HTML 14Page - Analog Devices AD7684 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD7903
Data Sheet
Rev. A | Page 10 of 28
Figure 17. SINAD vs. Input Frequency
Figure 18. SNR vs. Temperature
Figure 19. Operating Currents of Each ADC vs. VDD Supply Voltage
Figure 20. THD vs. Input Frequency
Figure 21. THD vs. Temperature
Figure 22. Operating Currents of Each ADC vs. Sample RateCr
96
85
86
87
88
89
90
91
92
93
94
95
10
INPUT FREQUENCY (kHz)
100
94.8
93.4
93.6
93.8
94.0
94.2
94.4
94.6
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.425
2.475
VDD VOLTAGE (V)
2.375
2.525
2.575
2.625
IVDD
IREF
IVIO
–80
–85
–90
–95
–100
–105
–110
–115
–120
10
INPUT FREQUENCY (kHz)
100
–100
–105
–110
–115
–120
–125
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
1.6
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
100
SAMPLE RATE (kSPS)
1000
IVDD
IVIO
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com