Electronic Components Datasheet Search
  English  ▼

X  

AD7685 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7685
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7685 Datasheet(HTML) 2 Page - Analog Devices

  AD7685 Datasheet HTML 1Page - Analog Devices AD7685 Datasheet HTML 2Page - Analog Devices AD7685 Datasheet HTML 3Page - Analog Devices AD7685 Datasheet HTML 4Page - Analog Devices AD7685 Datasheet HTML 5Page - Analog Devices AD7685 Datasheet HTML 6Page - Analog Devices AD7685 Datasheet HTML 7Page - Analog Devices AD7685 Datasheet HTML 8Page - Analog Devices AD7685 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
IMPORTANT LINKS for the AD7903*
Last content update 01/22/2014 02:26 pm
SIMILAR PRODUCTS & PARAMETRIC SELECTION TABLES
Find Similar Products By Operating Parameters
SUGGESTED COMPANION PRODUCTS
Recommended Driver Amplifiers for the AD7903
For low frequency, precision, low bias current applications, we
recommend the ADA4627-1, ADA4637-1 or the AD8610.
For precision, low power, low distortion applications, we
recommend the ADA4841-1, ADA4896-2 or the AD8031.
For high frequency, low noise, low distortion applications, we
recommend the ADA4899, ADA4897-1, or the AD8021.
For additional driver amplifier selections, we recommend
selecting the product category and filtering on our parametric
search tables.
Recommended External Voltage References for the AD7903
For a low noise, high accuracy 2.5V reference, we recommend
the ADR431 or the ADR4525.
For a low noise, high accuracy 3V reference, we suggest the
ADR433 or the ADR4533.
For a low noise, high accuracy 5V reference, we recommend
the ADR435 or the ADR4550.
For driving the voltage reference input, we recommend the
AD8031 or the AD8605 buffer amplifiers.
For additional voltage reference selections, we recommend
filtering on our parametric search tables.
Recommended Digital Isolators for the AD7903
For SPI Interface, lowest power, 2.5 kVrms isolation, we
recommend the ADuM1401.
For SPI Interface, enhanced system-level ESD performance, 2.5
kVrms isolation, we recommend the ADuM3401.
For SPI Interface, low power, 5.0 kVrms isolation, we
recommend the ADuM4401.
For SPI Interface, smallest package, low voltage I/O (1.8 V to 5.5
V), we recommend the ADuM3481.
For additional digital isolator selections, we recommend
filtering on our parametric search tables.
Recommended Power Solutions
For selecting voltage regulator products, use ADIsimPower.
For selecting supervisor products, use the Supervisor
Parametric Search.
DOCUMENTATION
UG-609: Evaluating the AD7903 Dual Differential, 16-Bit, 1 MSPS
PulSAR ADC
EVALUATION KITS & SYMBOLS & FOOTPRINTS
View the Evaluation Boards and Kits page for documentation and
purchasing
Symbols and Footprints
DESIGN COLLABORATION COMMUNITY
Collaborate Online with the ADI support team and other designers
about select ADI products.
Follow us on Twitter: www.twitter.com/ADI_News
Like us on Facebook: www.facebook.com/AnalogDevicesInc
DESIGN SUPPORT
Submit your support request here:
Linear and Data Converters
Embedded Processing and DSP
Telephone our Customer Interaction Centers toll free:
Americas:
1-800-262-5643
Europe:
00800-266-822-82
China:
4006-100-006
India:
1800-419-0108
Russia:
8-800-555-45-90
Quality and Reliability
Lead(Pb)-Free Data
Package Information
SAMPLE & BUY
AD7903
View Price & Packaging
Request Evaluation Board
Request Samples
Check Inventory & Purchase
Find Local Distributors
* This page was dynamically generated by Analog Devices, Inc. and inserted into this data sheet.
Note: Dynamic changes to the content on this page (labeled 'Important Links') does not
constitute a change to the revision number of the product data sheet.
This content may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com