Electronic Components Datasheet Search
  English  ▼

X  

AD7694 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7694
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7694 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7694 Datasheet HTML 16Page - Analog Devices AD7694 Datasheet HTML 17Page - Analog Devices AD7694 Datasheet HTML 18Page - Analog Devices AD7694 Datasheet HTML 19Page - Analog Devices AD7694 Datasheet HTML 20Page - Analog Devices AD7694 Datasheet HTML 21Page - Analog Devices AD7694 Datasheet HTML 22Page - Analog Devices AD7694 Datasheet HTML 23Page - Analog Devices AD7694 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Data Sheet
AD7903
Rev. A | Page 19 of 28
CS Mode, 3-Wire Interface with Busy Indicator
CS mode, using a 3-wire interface with a busy indicator, is
usually used when a single AD7903 is connected to an SPI-
compatible digital host having an interrupt input.
The connection diagram is shown in Figure 41, and the
corresponding timing is shown in Figure 42.
With SDIx tied to VIOx, a rising edge on CNVx initiates
a conversion, selects CS mode, and forces SDOx to high
impedance. SDOx is maintained in high impedance until the
completion of the conversion, irrespective of the state of CNVx.
Prior to the minimum conversion time, CNVx can be used to
select other SPI devices, such as analog multiplexers, but CNVx
must be returned low before the minimum conversion time
elapses and then held low for the maximum possible conversion
time to guarantee the generation of the busy signal indicator.
When the conversion is complete, SDO goes from high impedance
to low impedance. With a pull-up on the SDOx line, this transition
can be used as an interrupt signal to initiate the data reading
controlled by the digital host. The AD7903 then enters the
acquisition phase and powers down. The data bits are then
clocked out, MSB first, by subsequent SCKx falling edges. The
data is valid on both SCKx edges. Although the rising edge can
be used to capture the data, a digital host using the SCKx falling
edge allows a faster reading rate, provided that it has an acceptable
hold time. After the optional 17th SCKx falling edge or when
CNVx goes high (whichever occurs first), SDOx returns to high
impedance.
If multiple ADCs are selected at the same time, the SDOx output
pin handles this contention without damage or induced latch-up.
Meanwhile, it is recommended that this contention be kept as
short as possible to limit extra power dissipation.
Figure 41. CS Mode, 3-Wire Interface with Busy Indicator Connection Diagram (SDIx High)
Figure 42. CS Mode, 3-Wire Interface with Busy Indicator Serial Interface Timing (SDIx High)
AD7903
SDIx
SDOx
CNVx
SCKx
CONVERT
DATA IN
CLK
DIGITAL HOST
VIOx
IRQ
VIOx
47kΩ
tCONV
tCNVH
tCYC
ACQUISITION
ACQUISITION
tACQ
tSCK
tSCKH
tSCKL
CONVERSION
SCKx
CNVx
SDIx = 1
SDOx
D15
D14
D1
D0
tHSDO
12
3
15
16
17
tDSDO
tDIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com