Electronic Components Datasheet Search
  English  ▼

X  

AD7982 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7982
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7982 Datasheet HTML 21Page - Analog Devices AD7982 Datasheet HTML 22Page - Analog Devices AD7982 Datasheet HTML 23Page - Analog Devices AD7982 Datasheet HTML 24Page - Analog Devices AD7982 Datasheet HTML 25Page - Analog Devices AD7982 Datasheet HTML 26Page - Analog Devices AD7982 Datasheet HTML 27Page - Analog Devices AD7982 Datasheet HTML 28Page - Analog Devices AD7982 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Data Sheet
AD7903
Rev. A | Page 25 of 28
FUNCTIONAL SAFETY CONSIDERATIONS
The AD7903 contains two physically isolated ADCs, making it
ideally suited for functional safety applications. Because of this
isolation, each ADC features an independent user interface, an
independent reference input, an independent analog input, and
independent supplies. Physical isolation renders the device
suitable for taking verification/backup measurements while
separating the verification ADC from the system under control.
Although the Simultaneous Sampling section describes how to
operate the device in a simultaneous nature, the circuit is actually
composed of two individual signal chains. This separation makes
the AD7903 ideal for handling redundant measurement
applications. Implementing a signal chain with redundant ADC
measurement can contribute to a no single error system. Figure 53
shows a typical functional safety application circuit consisting of
a redundant measurement with the employment of monitoring the
inverted signal. The inversion is applied to detect common cause
failures where it is expected that the circuit output moves in the
same direction during a fault condition, instead of moving in the
opposite direction as expected.
In addition, the QSOP package that houses the device provides
access to the leads for inspection.
Figure 53. Typical Functional Safety Block Diagram
GND
VDD1 VDD2
2.5V
REF1 REF2
REF = 2.5V TO 5V
ADC1
IN1+
IN1–
VIO1
SDI1
SCK1
CNV1
SDO1
SDI1
SCK1
CNV1
SDO1
SDI2
VIO1
VIO2
SCK2
CNV2
SDO2
ADC2
IN2+
IN2–
VIO2
SDI2
SCK2
CNV2
SDO2
AD7903
REF
±10V, ±5V, ...
ADA4941-1
ADA4941-1
PHYSICALLY
ISOLATED ADCs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com