Electronic Components Datasheet Search
  English  ▼

X  

ADM8320 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM8320
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8320 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM8320 Datasheet HTML 8Page - Analog Devices ADM8320 Datasheet HTML 9Page - Analog Devices ADM8320 Datasheet HTML 10Page - Analog Devices ADM8320 Datasheet HTML 11Page - Analog Devices ADM8320 Datasheet HTML 12Page - Analog Devices ADM8320 Datasheet HTML 13Page - Analog Devices ADM8320 Datasheet HTML 14Page - Analog Devices ADM8320 Datasheet HTML 15Page - Analog Devices ADM8320 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADM8316/ADM8318/ADM8319/ADM8320/ADM8321/ADM8322
Data Sheet
Rev. 0 | Page 14 of 16
OUTLINE DIMENSIONS
Figure 25. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
Figure 26. Ordering Code Structure
ORDERING GUIDE
Model1, 2, 3, 4
Temperature Range
Ordering Quantity5
Package Description
Package Option
Branding
ADM8316WxxxxARJZR7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LMT
ADM8318WxxxxARJZR7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LMW
ADM8319WxxxARJZR7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LMV
ADM8320WxxxxARJZR7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LMX
ADM8321WxxxxARJZR7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LMY
ADM8322WxxxARJZR7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LMZ
1
Complete the ordering code by inserting the reset timeout, watchdog timeout, and reset threshold (ADM8316/ADM8318/ADM8320/ADM8321) suffixes from Table 7
to Table 9. No watchdog timeout is available for ADM8319/ADM8322.
2
Contact sales for the availability of nonstandard models. See Table 10 for a list of standard models.
3
Z = RoHS Compliant Part.
4
W = Qualified for Automotive Applications.
5
A minimum of 12,000 (four reels) must be ordered for nonstandard models.
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
5°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
5
1
2
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35
Z: RoHS COMPLIANT
ADM83
W_ _
_ _
_ _ ARJZR7
ORDERING QUANTITY
R7: 3000-PIECE REEL, RoHS COMPLIANT
PACKAGE CODE
RJ: 5-LEAD SOT-23
TEMPERATURE RANGE
A: –40°C TO +125°C
RESET THRESHOLD NUMBER
(25 TO 50)
WATCHDOG TIMEOUT PERIOD
W: 6.3ms (TYP)
X: 102ms (TYP)
Y: 1.6sec (TYP)
Z: 25.6sec (TYP)
RESET TIMEOUT PERIOD
A: 1ms (MIN)
B: 20ms (MIN)
C: 140ms (MIN)
D: 1120ms (MIN)
GENERIC NUMBER
(16 TO 22)
W: AUTOMOTIVE QUAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com