Electronic Components Datasheet Search
  English  ▼

X  

LPC2131 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # LPC2131
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2131 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button LPC2131 Datasheet HTML 37Page - NXP Semiconductors LPC2131 Datasheet HTML 38Page - NXP Semiconductors LPC2131 Datasheet HTML 39Page - NXP Semiconductors LPC2131 Datasheet HTML 40Page - NXP Semiconductors LPC2131 Datasheet HTML 41Page - NXP Semiconductors LPC2131 Datasheet HTML 42Page - NXP Semiconductors LPC2131 Datasheet HTML 43Page - NXP Semiconductors LPC2131 Datasheet HTML 44Page - NXP Semiconductors LPC2131 Datasheet HTML 45Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5.1 — 29 July 2011
42 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
15. Revision history
Table 14.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
LPC2131_32_34_36_38 v.5.1
20110729
Product data sheet
-
LPC2131_32_34_36_38 v.5
Modifications:
• Parameter Isink added in Table 5 “Limiting values”.
• Table 6 “Static characteristics”: Updated crystal oscillator specs
LPC2131_32_34_36_38 v.5
20110202
Product data sheet
-
LPC2131_32_34_36_38 v.4
Modifications:
• Table 3 “Pin description”: Added Table note [9] to RTCX1 and RTCX2 pins.
• Table 6 “Static characteristics”, I2C-bus pins: Changed typical hysteresis voltage from
0.5VDD to 0.05VDD.
• Table 6 “Static characteristics”: Removed table note for VIH and VIL.
• Changed all occurrences of VPB to APB.
• Table 6 “Static characteristics”: Added Table note [6] to VI.
• Table 6 “Static characteristics”, Standard port pins, RESET, RTCK: Vhys hysteresis
voltage (0.4 V) moved from typical to minimum.
• Table 6 “Static characteristics”: Changed Vi(VREF) minimum voltage from 3.0 V to 2.5 V.
• Table 6 “Static characteristics”: Updated min, typical and max values for oscillator pins
Vi(XTAL1), Vo(XTAL2), Vi(RTCX1), and Vo(RTCX2).
• Added Section 11 “DAC electrical characteristics”.
• Added Section 12 “Application information”.
LPC2131_32_34_36_38 v.4
20071016
Product data sheet
-
LPC2131_32_34_36_38 v.3
LPC2131_32_34_36_38 v.3
20060921
Product data sheet
-
LPC2131_32_34_36_38 v.2
LPC2131_32_34_36_38 v.2
20050318
Preliminary data sheet
-
LPC2131_2132_2138 v.1
LPC2131_2132_2138 v.1
20041118
Preliminary data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com