Electronic Components Datasheet Search
  English  ▼

X  

IRFH8337 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFH8337
Description  Control MOSFET for high frequency buck converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH8337 Datasheet(HTML) 2 Page - International Rectifier

  IRFH8337 Datasheet HTML 1Page - International Rectifier IRFH8337 Datasheet HTML 2Page - International Rectifier IRFH8337 Datasheet HTML 3Page - International Rectifier IRFH8337 Datasheet HTML 4Page - International Rectifier IRFH8337 Datasheet HTML 5Page - International Rectifier IRFH8337 Datasheet HTML 6Page - International Rectifier IRFH8337 Datasheet HTML 7Page - International Rectifier IRFH8337 Datasheet HTML 8Page - International Rectifier IRFH8337 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFH8337PbF
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
January 17, 2014
D
S
G
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case
f
–––
4.7
RθJC (Top)
Junction-to-Case
f
–––
40
°C/W
RθJA
Junction-to-Ambient
g
–––
39
RθJA (<10s)
Junction-to-Ambient
g
–––
26
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.025
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
10.3
12.8
–––
15.8
19.9
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
VDS = VGS, ID = 25µA
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
-6.0
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
31
–––
–––
S
Qg
Total Gate Charge
–––
10
–––
nC
Qg
Total Gate Charge
–––
4.7
–––
Qgs1
Pre-Vth Gate-to-Source Charge
–––
1.6
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
0.7
–––
Qgd
Gate-to-Drain Charge
–––
1.4
–––
Qgodr
Gate Charge Overdrive
–––
1.0
–––
Qsw
Switch Charge (Qgs2 + Qgd)
–––
2.1
–––
Qoss
Output Charge
–––
4.2
–––
nC
RG
Gate Resistance
–––
1.6
–––
Ω
td(on)
Turn-On Delay Time
–––
6.4
–––
tr
Rise Time
–––
12
–––
td(off)
Turn-Off Delay Time
–––
5.7
–––
tf
Fall Time
–––
4.1
–––
Ciss
Input Capacitance
–––
790
–––
Coss
Output Capacitance
–––
180
–––
Crss
Reverse Transfer Capacitance
–––
69
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
12
18
ns
Qrr
Reverse Recovery Charge
–––
17
26
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
MOSFET symbol
nA
ns
A
pF
nC
VDS = 15V
–––
VGS = 20V
VGS = -20V
–––
–––
65
–––
–––
16.2
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1.0mA
VGS = 10V, ID = 16.2A e
VDS = 24V, VGS = 0V
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V
VGS = 10V, VDS = 15V, ID = 16.2A
VGS = 0V
VDS = 10V
Conditions
Max.
28
16.2
ƒ = 1.0MHz
TJ = 25°C, IF = 16.2A, VDD = 15V
di/dt = 390 A/µs
eÃ
TJ = 25°C, IS = 16.2A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 13A e
VGS = 4.5V
Typ.
–––
RG=1.8Ω
VDS = 10V, ID = 16.2A
VDS = 24V, VGS = 0V, TJ = 125°C
m
Ω
ID = 16.2A
ID = 16.2A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com