Electronic Components Datasheet Search
  English  ▼

X  

LS200-33 Datasheet(PDF) 2 Page - TDK Electronics

Part # LS200-33
Description  Single Output 150 - 200W General Purpose Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

LS200-33 Datasheet(HTML) 2 Page - TDK Electronics

  LS200-33 Datasheet HTML 1Page - TDK Electronics LS200-33 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
74
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A6: Feb 2014
LS200 Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/ls-series.htm
LS25 - 150
25W to 150W low cost
HWS15 - 1800
15W to 1800W limited lifetime warranty
SWS300 - 1000
300 to 1000W single output
Other Related Products
Suffix
Description
/L
No cover or fan (U channel)
Blank
Cover and fan
Options
Adjust Range
Max Current
Max Current
Peak
Load Reg
Line Reg
Ripple Noise
Efficiency
Model
Voltage
(V)
Forced Air(A)(4)
Convect.(A)(5)
Current (A)
(mV)
(mV)
(mV)
(typ) %(1)
LS200-3.3
3.3V
3.0 - 3.6
40.0
N/A
-
40
16
80
67 / 68
LS200-5
5V
4.75 - 5.5
40.0
N/A
-
40
20
80
72 / 75
LS200-7.5
7.5V
6.8 - 8.2
26.7
N/A
-
40
20
80
74 / 77
LS200-12
12V
10.8 - 14.4
16.7
N/A
-
96
48
120
76 / 79
LS200-15
15V
13.5 - 16.5
13.4
N/A
-
120
60
120
80 / 83
LS200-24
24V
22 - 28.8
8.4
N/A
10.4
192
96
120
82 / 84
LS200-36
36V
32 - 40
5.6
N/A
6.9
288
144
150
82 / 85
LS200-48
48V
42 - 57.6
4.2
N/A
-
384
192
200
82 / 85
LS200-3.3/L
3.3V
3.0 - 3.6
40.0
26
-
40
16
80
67 / 68
LS200-5/L
5V
4.75 - 5.5
40.0
26
-
40
20
80
72 / 75
LS200-7.5/L
7.5V
6.8 - 8.2
26.7
17.3
-
40
20
80
74 / 77
LS200-12/L
12V
10.8 - 14.4
16.7
11.6
-
96
48
120
76 / 79
LS200-15/L
15V
13.5 - 16.5
13.4
9.3
-
120
60
120
80 / 83
LS200-24/L
24V
22 - 28.8
8.4
5.8
10.4
192
96
120
82 / 84
LS200-36/L
36V
32 - 40
5.6
3.9
6.9
288
144
150
82 / 85
LS200-48/L
48V
42 - 57.6
4.2
2.9
-
384
192
200
82 / 85
Notes
(4) With internal fan version LS200-xx or LS200-xx/L version with external airflow.
(5) See Installation manual for derating curve.
Output Ratings
Outline Drawing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com