Electronic Components Datasheet Search
  English  ▼

X  

NDT Datasheet(PDF) 2 Page - C&D Technologies

Part # NDT
Description  Isolated 3W Wide Input Dual Output DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NDT Datasheet(HTML) 2 Page - C&D Technologies

  NDT Datasheet HTML 1Page - C&D Technologies NDT Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NDT SERIES
Isolated 3W Wide Input Dual Output DC-DC Converters
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2002
NDC NDT.1
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
APPLICATION NOTES
TERMINOLOGY
Weight: 6.5g
Unless otherwise stated all dimensions in inches ±0.010 (mm ±0.25mm).
1.270(32.26)
0.577(14.66)
0.275(7.00)
0.185(4.70)
0.145(3.70)
0.033(0.84)
0.021(0.54)
0.012(0.30)
0.008(0.20)
0.900(22.86)
0.600(15.25)Max
MECHANICAL DIMENSIONS
0.100(2.54)
LINE REGULATION
The percentage change in output voltage between low input voltage and high input voltage,
measured with fixed output load
ie. A 5V output part with an output voltage of 5.05V @ high input voltage and 5.03V @
low input voltage would have a line regulation of 0.4%.
line regulation =
V
OUT (Low Input V) –V OUT (High Input V) x100%
V
OUT (Nominal Input V)
Where V
OUT (Nominal Input V) is 5V.
PIN CONNECTIONS
TUBE OUTLINE DIMENSIONS
EXTERNAL CAPACITANCE
Although these converters will work
without external capacitors, they ar e
necessary in order to guarantee the full
parametric performance over the
full line and load range. All parts have
been tested and characterised
using the following values and test circuit
TEST CIRCUIT
Value
C
IN
C
OUT
10µF, 200V
47µF, 25V
COUT
COUT
CIN
VIN
+VOUT
GND
0V
–VOUT
NDT
0.185
(4.70)
0.200
(5.08)
2
23
3
22
9
16
11
14
–VIN
–VIN
Common
–VOUT
+VIN
+VIN
Common
+VOUT
24 Pin DIL (top view)
PACKAGING DETAILS
Order Code
Packaging Style
QTY
NDTDXXXX
Tube
15
0.815±0.022
(20.70±0.55)
0.268±0.022
6.80±0.55
0.031±0.006
(0.80±0.15)
Tube Length: 20.472±0.079(520mm±2mm)
Tube Material: Antistatic coated clear pvc.
0.657±0.022
(16.70±0.55)
0.217±0.001
(5.50±0.25)
0.657±0.031
(16.70±0.80)
RECOMMENDED FOOTPRINT DETAILS
0.100(2.54)
Ø
0.057(1.45)
0.051(1.30)
8 Holes
0.100
(2.54)
Ø0.1
All pins on a 0.100(2.54) pitch
and within 0.010(0.25) of true position.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com