Electronic Components Datasheet Search
  English  ▼

X  

LC010C Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # LC010C
Description  LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LC010C Datasheet(HTML) 2 Page - Lineage Power Corporation

  LC010C Datasheet HTML 1Page - Lineage Power Corporation LC010C Datasheet HTML 2Page - Lineage Power Corporation LC010C Datasheet HTML 3Page - Lineage Power Corporation LC010C Datasheet HTML 4Page - Lineage Power Corporation LC010C Datasheet HTML 5Page - Lineage Power Corporation LC010C Datasheet HTML 6Page - Lineage Power Corporation LC010C Datasheet HTML 7Page - Lineage Power Corporation LC010C Datasheet HTML 8Page - Lineage Power Corporation LC010C Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
* Maximum case temperature varies based on power dissipation. See derating curves, Figures 43—45, for details.
Electrical Specifications
Fusing Considerations
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone
operation to an integrated part of a sophisticated power architecture. To preserve maximum flexibility, internal fus-
ing is not included; however, to achieve maximum safety and system protection, always use an input line fuse. The
safety agencies require a normal-blow, dc fuse with a maximum rating of 5 A (see Safety Considerations section).
Based on the information provided in this data sheet on inrush energy and maximum dc input current, the same
type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data for further information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage:
Continuous
Transient (100 ms)
LC
LW
LW
VI
VI
VI, trans
0
0
0
—
—
—
50
80
100
Vdc
Vdc
V
Operating Case Temperature
(See Derating Curves, Figures 43—45.)
All
TC
–40
—
105*
°C
Storage Temperature
All
Tstg
–55
—
125
°C
I/O Isolation
All
—
—
—
1500
Vdc
Table 1. Input Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
LC
LW
VI
VI
18
36
24
48
36
75
Vdc
Vdc
Maximum Input Current
(VI = 0 to VI, max; IO = IO, max; see Figures
1—4.)
LC
LW
II, max
II, max
—
—
—
—
1.6
800
A
mA
Inrush Transient
All
I2t
——
0.2
A2s
Input Reflected-ripple Current
(5 Hz to 20 MHz; 12 µH source imped-
ance; TA = 25 °C; see Figure 33.)
All
II
—5—
mAp-p
Input Ripple Rejection (100 Hz—120 Hz)
All
—
—
45
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com