Electronic Components Datasheet Search
  English  ▼

X  

NKE Datasheet(PDF) 2 Page - C&D Technologies

Part # NKE
Description  Isolated Sub-Miniature 1W Single Output DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NKE Datasheet(HTML) 2 Page - C&D Technologies

  NKE Datasheet HTML 1Page - C&D Technologies NKE Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NKE SERIES
Isolated Sub-Miniature 1W Single Output DC-DC Converters
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies (NCL), Inc.
5816 Creedmoor Road, Raleigh
NC 27612, USA
Tel: +1 (919) 571-9405
Fax: +1 (919) 571-9262
email: info@us.cdtechno-ncl.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2001
NDC NKE.5
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
ISOLATION CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
GENERAL CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
PERFORMANCE CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Test Voltage
Flash tested for 1 second
3000
VDC
Resistance
Viso=500VDC
10
G
Ω
Parameter
Conditions
MIN
TYP
MAX
Units
Switching Frequency
All input types
115
kHz
Parameter
Conditions
MIN
TYP
MAX
Units
Specification
All output types
-40
85
°C
Storage
-50
130
°C
Case Temperature
0505D/S, 1205D/S
41
°C
above ambient
All other output types
32
Cooling
Free air convection
6.00
MECHANICAL DIMENSIONS
7.46
4.60
3.60
1
1
2
3
4
0.30
0.20
0.55
0.45
0.50±0.05
4 Pin SIP
PIN
1
GND
2
VIN
3
0V
4
+V
8 Pin DIP
PIN
1
GND
4
VIN
5
+V
7
0V
Weight:1.09g
All dimensions in mm XX.XX
±0.25mm. All pins on a
2.54mm pitch and within
±0.25mm of true position.
2.54
11.48
2.18±0.50
1.25
7.62
NKE0505S
XYYWW
0.30
0.20
1.94
1.09
7.62
5.40
4.60
3.60
0.50±0.05
9.80
11.50
8 Pin DIP Package Style
4 Pin SIP Package Style
NKE0505D
XYYWW
4
5
7
7.62
10
25
50
75
100
Output Load Current (%)
tolerance envelope (3.3V output types)
+9%
+1%
VNOM
-7%
+1%
–7%
–15%
10
25
50
75
100
Output Load Current (%)
tolerance envelope (all other types)
Temperature Derating Graph
NKE 0303D/S, 0305D/S,
0503D/S, 0505DE/SE Types
Ambient Temperature (°C)
85°C
2.0
1.5
1.0
0.5
0
+10%
+5%
VNOM
+2.5%
–2.5%
–7.5%
Safe Operating Area
-40
0
50
100
150
Temperature Derating Graph
All other types
Ambient Temperature (°C)
85°C
120°C
2.0
1.5
1.0
0.5
0
Safe Operating Area
-40
0
50
100
150



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com