Electronic Components Datasheet Search
  English  ▼

X  

NMD Datasheet(PDF) 1 Page - C&D Technologies

Part # NMD
Description  Isolated 1W Twin Output DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NMD Datasheet(HTML) 1 Page - C&D Technologies

  NMD Datasheet HTML 1Page - C&D Technologies NMD Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SELECTION GUIDE
FEATURES
s
Twin Independent Outputs
s
Output/Output Isolation 1kVDC
s
Power Sharing on Outputs
s
Input/Output Isolation 1kVDC
s
SIP & DIP Package Styles
s
Efficiency to 80%
s
Power Density 0.85W/cm3
s
5V & 12V Input
s
One 5V Output (V1)
s
3.3V, 5V, 9V, 12V
and 15V Output (V2)
s
Footprint from 1.17cm2
s
UL 94V-0 Package Material
s
No Heatsink Required
s
Internal SMD Construction
s
Toroidal Magnetics
s
Fully Encapsulated
s
No External Components Required
s
MTTF up to 1.9 Million hours
s
PCB Mounting
s
Custom Solutions Available
DESCRIPTION
The NMD series of DC-DC converters are
ideally suited to applications where a
potential difference exists between loads, eg
motor control circuits. The twin outputs offer
cost and space savings by consolidating two
DC-DC Converters into one package. All of
the rated power may be drawn from a single
output provided the total load does not
exceed 1 Watt.
Nominal
Input
Output
Output
Output
Output
Voltage Voltage 1 Voltage 2 Current 1 Current 2 Efficiency MTTF1
Order Code
(V)
(V)
(V)
(mA)
(mA)
(%)
kHrs
NMD050503D
5
5
3.3
100
152
70
1615 DIP
NMD050503S
5
5
3.3
100
152
70
1615
SIP
NMD050505D
5
5
5
100
100
70
1615
DIP
NMD050505S
5
5
5
100
100
70
1615
SIP
NMD050509D
5
5
9
100
56
80
669
DIP
NMD050509S
5
5
9
100
56
80
669
SIP
NMD050512D
5
5
12
100
42
80
339
DIP
NMD050512S
5
5
12
100
42
80
339
SIP
NMD050515D
5
5
15
100
34
80
187
DIP
NMD050515S
5
5
15
100
34
80
187
SIP
NMD120505D
12
5
5
100
100
70
489
DIP
NMD120505S
12
5
5
100
100
70
489
SIP
NMD120509D
12
5
9
100
56
80
343
DIP
NMD120509S
12
5
9
100
56
80
343
SIP
NMD120512D
12
5
12
100
42
80
229
DIP
NMD120512S
12
5
12
100
42
80
229
SIP
NMD120515D
12
5
15
100
34
80
148
DIP
NMD120515S
12
5
15
100
34
80
148
SIP
When operated with additional external load capacitance the rise time of the input voltage will determine the
maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the
greater the maximum value of the additional external capacitance for reliable start up.
Parameter
Conditions
MIN
TYP
MAX
Units
Continuous operation, 5V input types
4.5
5
5.5
Voltage Range
Continuous operation, 12V input types
10.8
12
13.2
V
Parameter
Conditions
MIN
TYP
MAX
Units
Rated Power2
TA= 0°C to 125°C
1
W
Voltage Set
Point Accuracy
See tolerance envelope
Line Regulation High V
IN to low V IN
1.0
1.2
%/%
10% load to rated load, 3.3V output types
15
10% load to rated load, 5V output types
15
Load Regulation 10% load to rated load, 9V output types
10
%
10% load to rated load, 12V output types
10
10% load to rated load, 15V output types
10
Ripple & Noise BW=DC to 20MHz, All output types
75
mV p-p
Short-circuit duration3
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage VIN, NMD05 types
7V
Input voltage VIN, NMD12 types
15V
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2 See derating curve
3 Supply voltage must be discontinued at the end of the short circuit duration.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
NMD SERIES
Isolated 1W Twin Output DC-DC Converters
www.dc-dc.com


Similar Part No. - NMD

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMD050503DC MURATA-NMD050503DC Datasheet
140Kb / 4P
Isolated 1W Twin Output DC/DC Converters
NMD050503SC MURATA-NMD050503SC Datasheet
140Kb / 4P
Isolated 1W Twin Output DC/DC Converters
NMD050505DC MURATA-NMD050505DC Datasheet
140Kb / 4P
Isolated 1W Twin Output DC/DC Converters
NMD050505SC MURATA-NMD050505SC Datasheet
140Kb / 4P
Isolated 1W Twin Output DC/DC Converters
NMD050509DC MURATA-NMD050509DC Datasheet
140Kb / 4P
Isolated 1W Twin Output DC/DC Converters
More results

Similar Description - NMD

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NMD MURATA-KDC_NMD Datasheet
140Kb / 4P
Isolated 1W Twin Output DC/DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
D-XNS-1W MICRODC-D-XNS-1W Datasheet
804Kb / 4P
Isolated 1W Twin Output DC/DC Converters
D-XS-1W MICRODC-D-XS-1W Datasheet
937Kb / 4P
Isolated 1W Twin Output DC/DC Converters
D-XNS MICRODC-D-XNS Datasheet
631Kb / 4P
Isolated 1W Twin Output DC/DC Converters
logo
Toppower Electronic Tec...
TPD TOPPOWER-TPD Datasheet
189Kb / 3P
1W Isolated Twin Output DC/DC Converters
TPD-W5 TOPPOWER-TPD-W5 Datasheet
196Kb / 3P
0.5W Isolated Twin Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
logo
Toppower Electronic Tec...
TPD-W-1W TOPPOWER-TPD-W-1W Datasheet
781Kb / 3P
1W 1.5KVDC isolated Wide Input Twin output twin isolation regulated DC/DC converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com