Electronic Components Datasheet Search
  English  ▼

X  

NME Datasheet(PDF) 1 Page - C&D Technologies

Part # NME
Description  Isolated 1W Single Output DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NME Datasheet(HTML) 1 Page - C&D Technologies

  NME Datasheet HTML 1Page - C&D Technologies NME Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
s
Single Isolated Output
s
Industry Standard Pinout
s
1kVDC Isolation
s
Efficiency to 80%
s
Power Density 1.45W/cm3
s
24V & 48V Input
s
5V, 9V, 12V and 15V Output
s
Footprint from 0.69cm2
s
UL 94V-0 Package Material
s
No Heatsink Required
s
Internal SMD Construction
s
Toroidal Magnetics
s
Fully Encapsulated
s
No External Components Required
s
Custom Solutions Available
s
Pin Compatible with LME
s
SIP & DIP Package Styles
DESCRIPTION
The NME Series of DC-DC Converters is
particularly suited to isolating and/or
converting DC power rails. The galvanic
isolation allows the device to be configured
to provide an isolated negative rail in systems
where only positive rails exist.
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2 See derating curve
3 Supply voltage must be discontinued at the end of the short circuit duration.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
SELECTION GUIDE
Nominal
Input
Output
Output
Voltage
Voltage
Current
MTTF1
Order Code
(V)
(V)
(mA)
(%)
(pF)
kHrs
NME2405D
24
5
200
70
40
201
NME2409D
24
9
111
75
59
185
DIP
NME2412D
24
12
83
80
78
163
NME2415D
24
15
66
80
79
136
NME2405S
24
5
200
70
40
201
NME2409S
24
9
111
75
59
185
SIP
NME2412S
24
12
83
80
78
163
NME2415S
24
15
66
80
79
136
NME4805D
48
5
200
70
32
213
NME4809D
48
9
111
75
50
194
DIP
NME4812D
48
12
83
80
76
164
NME4815D
48
15
66
80
75
140
NME4805S
48
5
200
70
32
213
NME4809S
48
9
111
75
50
194
SIP
NME4812S
48
12
83
80
76
164
NME4815S
48
15
66
80
75
140
When operated with additional external load capacitance the rise time of the input voltage will determine the
maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the
greater the maximum value of the additional external capacitance for reliable start up.
Parameter
Conditions
MIN
TYP
MAX
Units
Continuous operation, 24V input types
21.6
24
26.4
Voltage Range
Continuous operation, 48V input types
43.2
48
52.8
V
Parameter
Conditions
MIN
TYP
MAX
Units
Rated Power2
TA= 0°C to 70°C
1
W
Voltage Set
Point Accuracy
See tolerance envelope
Line Regulation High V
IN to low V IN
1.2
%/%
10% load to rated load, 5V output types
15
Load Regulation
10% load to rated load, all other output types
10
%
Ripple & Noise BW=DC to 20MHz, all input types
150
mV p-p
Short-circuit duration3
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage VIN, NME24 types
28V
Input voltage VIN, NME48 types
54V
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
NME 24V & 48V SERIES
Isolated 1W Single Output DC-DC Converters
www.dc-dc.com


Similar Part No. - NME

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NME MURATA-PS-NME Datasheet
207Kb / 11P
Isolated 1W Single Output DC-DC Converters
NME MURATA-PS-NME Datasheet
1Mb / 13P
Isolated 1W Single Output DC-DC Converters
2023
logo
Murata Manufacturing Co...
NME MURATA-NME Datasheet
232Kb / 11P
Isolated 1W Single Output DC-DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
logo
List of Unclassifed Man...
NME03 ETC2-NME03 Datasheet
335Kb / 12P
Isolated 1WSingle Output
More results

Similar Description - NME

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME2405SC MURATA-NME2405SC Datasheet
118Kb / 4P
Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
Isolated 1W Single Output DC/DC Converters
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
1W Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com